Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 28 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 24Page - Analog Devices ADMV4530 Datasheet HTML 25Page - Analog Devices ADMV4530 Datasheet HTML 26Page - Analog Devices ADMV4530 Datasheet HTML 27Page - Analog Devices ADMV4530 Datasheet HTML 28Page - Analog Devices ADMV4530 Datasheet HTML 29Page - Analog Devices ADMV4530 Datasheet HTML 30Page - Analog Devices ADMV4530 Datasheet HTML 31Page - Analog Devices ADMV4530 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 28 of 59
FREQUENCY UPDATE SEQUENCE
After the initialization sequence is performed, the output
frequency can be updated by programming Register 0x010
through Register 0x01A in reverse order.
REFERENCE INPUT
Figure 91 shows the single-ended reference input stage. There
is an internal reference multiply by 2 block (×2 doubler) that
allows generation of higher fPFD. A higher fPFD is useful for
improving overall system phase noise performance. Typically,
doubling the fPFD improves the in band phase noise performance by
up to 3 dBc/Hz. Use the REF_X2_EN bit (Register 0x022, Bit 5) to
enable the reference doubler, which toggles the SW1 switch,
shown in Figure 91.
Following the reference doubler block, there are two frequency
dividers: a 5-bit R counter (1 to 32 allowed) and a divide by 2
block. These dividers allow the input REF frequency to be
divided down to produce lower fPFD that helps minimize
fractional-N integer boundary spurs at the output.
Use the R_WORD bits (Bits[4:0]) in Register 0x01F to set the
R counter. If the R_WORD = 1, the SW2 switch is in the position
shown in Figure 91. Otherwise, the SW2 switch toggles to use
the R counter. Additionally, R_WORD = 0 corresponds to a
divide by 32 value for the R counter. To enable the reference divide
by 2 block, use the RDIV2 bit (Register 0x022, Bit 4) which
toggles the SW3 switch, shown in Figure 91.
N COUNTER
The N counter allows a division ratio in the PLL feedback path
from the VCO. Note that the VCO signal is multiplied by 2 to
achieve the LO frequency at the input of the mixer. The
division ratio is determined by using the Integer N (INT),
fractional-N (FRAC), and modulus (MOD) values that this
counter comprises. The applicable registers for setting the INT,
FRAC, and MOD values are Register 0x010 to Register 0x01A.
MOD
VALUE
INT
VALUE
FRAC1
VALUE
FRAC2
VALUE
FROM VCO
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
Figure 90. N Counter Functional Block Diagram
INT, FRAC, MOD, AND R COUNTER RELATIONSHIP
The INT, FRAC, and MOD values, in conjunction with the
reference path, make it possible to generate VCO frequencies
spaced by fractions of the fPFD. To calculate fPFD, use the REF_IN
frequency and the reference path configuration parameters as
follows:
1+
×
× (1+ )
PFD
D
f
REF_IN Frequency
RT
=
where:
D is the reference doubler bit (0 or 1).
R is the reference divide ratio of the binary, 5-bit
programmable counter (1 to 32).
T is the reference divide by 2 bit (0 or 1).
To calculate the VCO frequency (fVCO), use the following
equation:
fVCO = fLO/2 = fPFD × N
where:
fLO is the frequency of the LO driving the mixer.
N is the desired value of the N counter.
The N counter value is defined by the following:
+
+
FRAC2
FRAC1
MOD2
N INT
MOD1
=
where:
INT is the 16-bit integer value. When using the 4/5 prescaler,
INT = 23 to 32,767, and when using the 8/9 prescaler, INT =
75 to 65,535.
FRAC1 is the numerator of the primary modulus (0 to
33,554,431).
FRAC2 is the numerator of the 14-bit auxiliary modulus (0 to
16,383).
MOD2 is a programmable, 14-bit auxiliary fractional modulus
(2 to 16,383).
MOD1 is a 25-bit primary modulus with a fixed value of 225 =
33,554,432.
×2
DOUBLER
SW1
SW2
EXTERNAL
REFERENCE
REF_IN
0.01µF
5-BIT
R COUNTER
SW3
÷2
Figure 91. Reference Input Path Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com