Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 33 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 29Page - Analog Devices ADMV4530 Datasheet HTML 30Page - Analog Devices ADMV4530 Datasheet HTML 31Page - Analog Devices ADMV4530 Datasheet HTML 32Page - Analog Devices ADMV4530 Datasheet HTML 33Page - Analog Devices ADMV4530 Datasheet HTML 34Page - Analog Devices ADMV4530 Datasheet HTML 35Page - Analog Devices ADMV4530 Datasheet HTML 36Page - Analog Devices ADMV4530 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 33 of 59
RF OUTPUT DRIVER
As shown in the functional block diagram (see Figure 1), the
ADMV4530 incorporates two driver stages along with a voltage
variable attenuator (VVA) in the RF output section of the chip.
The VCTR_RF pin (Pin 4) is connected to the VVA, which
adjusts the RF output gain. The voltage range for the VCTR_RF
pin is 0 V to 1.8 V, with a positively sloping linear region between
0.6 V to 1.5 V, as shown in Figure 7. The typical slope within
linear region is 32 dB/V.
I/Q MODE MIXER SETUP
In baseband quadrature modulation mode, the input impedance of
the baseband pins (IN, IP, QN, and QP) are 100 Ω differential.
These inputs can be driven with a dc-coupled 100 Ω differential
source. IN and IP are the differential baseband I inputs, and
QN and QP are the differential baseband Q inputs. These inputs
can operate from a common-mode voltage range of 0 V to 2.5 V.
When operating in I/Q mode, program the following registers:
Register 0x100 = 0x3A
Register 0x101 = 0x78
Register 0x102 = 0x11
Register 0x103 = 0x5D (for 0.5 V VCM)
Register 0x106 to 0x109 = 0x7F
Register 0x115 = 0x88
When VCM changes, program Register 0x103 by using the
following formulas for each mode.
In I/Q mode, for VCM = 0.0 V to 1.5 V, set
MIXER_VCM = ROUND(23.8 × VCM + 80.7).
In I/Q mode, for VCM = 1.5 V to 2.5 V, set
MIXER_VCM = ROUND(23.8 × VCM + 1.3).
The I/Q mode default for VCM = 0.5 V is MIXER_VCM = 93 =
0x5D.
I/Q MODE LO NULLING
To perform LO nulling in I/Q mode, apply a differential dc
offset on the I and Q inputs. Note that LO nulling is a two-step
process. When LO nulling is done on the I side, keep the Q side
at VCM, and when LO nulling is done on the Q side, the I side
must be kept at VCM or at the determined value in the first step.
The optimal LO null is when settings from the I side and the
Q side are combined. It is important to keep VCM constant.
Therefore, when a dc offset is applied on the negative input
(VCMN), the same offset must be applied on the positive input
(VCMP) in the opposite direction (VCMP ± dc offset and VCMN  dc
offset) to allow the average VCM to hold constant to coincide
with the value programmed in Register 0x103. LO nulling at
a single point is optimal at that particular frequency and
temperature, and the absolute level (dBm) of the LO to RF
feedthrough remains the same across gain settings using the
VCTR_RF input.
For example, it is possible to null LO down to −50 dBm with
VCTR_RF = 1.8 V, depending on the resolution of the dc offset
applied and the temperature (as shown in Figure 27 and Figure 28),
where LO nulling = 29 GHz. When LO nulling = 29 GHz, the
LO to RF feedthrough is <−20 dBm over temperature, and the
frequency range is from 28 GHz to 30 GHz.
I/Q MODE SIDEBAND REJECTION NULLING
In I/Q mode, use Register 0x104 or Register 0x105 to perform
sideband rejection nulling. Each register has 128 settings,
Bits[6:0]. Single frequency nulling allows sideband rejection to
null down to −45 dBc for a particular frequency. The sideband
rejection degrades to −35 dBc if the frequency or temperature
changes (shown in Figure 26 and Figure 29).
IF GAIN CONTROL
As shown in the functional block diagram (see Figure 1), the
ADMV4530 incorporates an IF amplifier with analog gain
control. The analog voltage for this IF amplifier can either be
provided by the internal AGC loop or by applying an external
VCTR_IF voltage to the EXT_CAP_N (Pin 10). The voltage
range for the IF amplifier gain control is 0 V to 3.3 V, with a
negatively sloping linear region between 0.9 V and 2.2 V, as
shown in Figure 37. The typical slope within linear region is
−32 dB/V.
IF MODE MIXER SETUP
The ADMV4530 features the ability to upconvert a real IF
input anywhere from 2 GHz to 3 GHz. When operating in IF
mode program the following registers:
Register 0x100 = 0x03
Register 0x101 = 0x7D
Register 0x102 = 0x3F
Register 0x103 = 0x5B (this register sets VCM in IF mode)
Register 0x104 to 0x109 = 0x5F
Register 0x115 = 0x08
When VCM changes, program Register 0x103 by using the
following formula:
MIXER_VCM = ROUND(0.3 × (128 −
TARGET_MIXER_DC_OFFSET) + 80.7)
where TARGET_MIXER_DC_OFFSET is the value
programmed into Register 0x106 to Register 0x109.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com