Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 46 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 42Page - Analog Devices ADMV4530 Datasheet HTML 43Page - Analog Devices ADMV4530 Datasheet HTML 44Page - Analog Devices ADMV4530 Datasheet HTML 45Page - Analog Devices ADMV4530 Datasheet HTML 46Page - Analog Devices ADMV4530 Datasheet HTML 47Page - Analog Devices ADMV4530 Datasheet HTML 48Page - Analog Devices ADMV4530 Datasheet HTML 49Page - Analog Devices ADMV4530 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 46 of 59
Address: 0x025, Reset: 0x00, Name: REG0025
VCO Output Power Select
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:2] RESERVED
[1:0] VCO_POUT_SEL (R/W)
Table 32. Bit Descriptions for REG0025
Bits
Bit Name
Description
Reset
Recommended
Access
[7:2]
RESERVED
Reserved
0x0
0x0
R/W
[1:0]
VCO_POUT_SEL
VCO Output Power Select
0x0
0x3
R/W
00: minimum
11: maximum
Address: 0x026, Reset: 0x00, Name: REG0026
8-Bit Charge Pum p Bleed Current
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] CP_BLEED (R/W)
Table 33. Bit Descriptions for REG0026
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
CP_BLEED
8-Bit Charge Pump Bleed Current.
0x0
0x73
R/W
Address: 0x027, Reset: 0x00, Name: REG0027
Lock Detect Bias
Lock Detect Precis ion (FRAC or INT
Mode)
VCO Power Down
Charge Pum p Gated Bleed Current
Charge Pum p Bleed Current Enabled
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] LD_BIAS (R/W)
[1:0] RESERVED
[5] LDP (R/W)
[2] VCO_PD (R/W)
[4] CP_BLEED_GATE (R/W)
[3] CP_BLEED_EN (R/W)
Table 34. Bit Descriptions for REG0027
Bits
Bit Name
Description
Reset
Recommended
Access
[7:6]
LD_BIAS
Lock Detect Bias. Sets lock detect window.
0x0
0x3
R/W
00: 5 ns (if LDP = 0).
01: 6 ns.
10: 8 ns.
11: 12 ns (for large values of bleed current).
5
LDP
Lock Detect Precision (FRAC or INT Mode). Controls the sensitivity of the
digital lock detect.
0x0
FRAC: 0x0,
INT: 0x1
R/W
0: FRAC mode (5 ns).
1: INT mode (2.4 ns).
4
CP_BLEED_GATE
Charge Pump Gated Bleed Current.
0x0
0x0
R/W
0: disable.
1: enable (digital lock detect must also be enabled).
3
CP_BLEED_EN
Charge Pump Bleed Current Enabled. Bleed current applies a slight
offset within the charge pump to improve linearity. The result is lower
phase noise and improved spurious performance. Set to 1 to enable
negative bleed current.
0x0
FRAC: 0x1,
INT: 0x0
R/W
0: disable.
1: enable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com