Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 19 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 15Page - Analog Devices ADMV4530 Datasheet HTML 16Page - Analog Devices ADMV4530 Datasheet HTML 17Page - Analog Devices ADMV4530 Datasheet HTML 18Page - Analog Devices ADMV4530 Datasheet HTML 19Page - Analog Devices ADMV4530 Datasheet HTML 20Page - Analog Devices ADMV4530 Datasheet HTML 21Page - Analog Devices ADMV4530 Datasheet HTML 22Page - Analog Devices ADMV4530 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 19 of 59
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
UNCALIBRATED
25.3GHz
Figure 57. LO to RF Feethrough vs. LO Frequency, over Temperature,
Not Calibrated and Calibrated with LO Frequency = 25.3 GHz at TA = 25°C,
IF Mode
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
UNCALIBRATED
26.3GHz
Figure 58. LO to RF Feethrough vs. LO Frequency, over Temperature,
Not Calibrated and Calibrated with LO Frequency = 26.3 GHz at TA = 25°C,
IF Mode
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
UNCALIBRATED
27.3GHz
Figure 59. LO to RF Feethrough vs. LO Frequency, over Temperature,
Not Calibrated and Calibrated with LO Frequency = 27.3 GHz at TA = 25°C,
IF Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com