Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 23 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 19Page - Analog Devices ADMV4530 Datasheet HTML 20Page - Analog Devices ADMV4530 Datasheet HTML 21Page - Analog Devices ADMV4530 Datasheet HTML 22Page - Analog Devices ADMV4530 Datasheet HTML 23Page - Analog Devices ADMV4530 Datasheet HTML 24Page - Analog Devices ADMV4530 Datasheet HTML 25Page - Analog Devices ADMV4530 Datasheet HTML 26Page - Analog Devices ADMV4530 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 23 of 59
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
2.3
2.5
2.7
VTUNE (V)
OFFSET = 10kHz
OFFSET = 100kHz
OFFSET = 1MHz
Figure 77. VCO Phase Noise vs. VTUNE for Various Offsets,
Open Loop, TA = 25°C
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–60
–65
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 78. Phase Noise vs. Offset Frequency over Temperature, R_WORD = 2,
CP_CURRENT = 4.2 mA, LO Frequency = 30 GHz
–60
–58
–56
–54
–52
–50
–48
–46
–44
–42
–40
–38
–36
–34
–32
–30
28.0
28.2
28.4
28.6
28.8
29.0
29.2
29.4
29.6
29.8
30.0
LO FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
SYMBOL RATE = 16MHz
SYMBOL RATE = 256kHz
SYMBOL RATE = 128kHz
Figure 79. Integrated Phase Noise vs. LO Frequency over Temperature,
R_WORD = 2, CP_CURRENT = 4.2 mA,
Integrated from 1% to 50% of the Symbol Rate
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
CP_CURRENT = 1.4mA, R_WORD = 1
CP_CURRENT = 2.8mA, R_WORD = 2
CP_CURRENT = 5.6mA, R_WORD = 4
Figure 80. Phase Noise vs. Offset Frequency, LO Frequency = 27.2 GHz for
Various CP_CURRENT and R_WORD Settings
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
LO FREQUENCY = 28GHz
LO FREQUENCY = 30GHz
Figure 81. Phase Noise vs. Offset Frequency, R_WORD = 2,
CP_CURRENT = 4.2 mA, LO Frequency = 28 GHz and 30 GHz
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 82. Phase Noise vs. Offset Frequency over Temperature,
LO Frequency = 26.8 GHz, R_WORD = 4, CP_CURRENT = 2.1 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com