Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 13Page - Analog Devices ADMV4530 Datasheet HTML 14Page - Analog Devices ADMV4530 Datasheet HTML 15Page - Analog Devices ADMV4530 Datasheet HTML 16Page - Analog Devices ADMV4530 Datasheet HTML 17Page - Analog Devices ADMV4530 Datasheet HTML 18Page - Analog Devices ADMV4530 Datasheet HTML 19Page - Analog Devices ADMV4530 Datasheet HTML 20Page - Analog Devices ADMV4530 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 17 of 59
0
–70
–50
–20
–40
–60
–30
–10
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 45. Sideband Rejection vs. RF Frequency over Temperature,
Uncalibrated
–45
–35
–25
–5
0
–30
–40
–15
–10
–20
TA = +85°C
TA = +25°C
TA = –40°C
SUPPLY VOLTAGE (V)
1.70
3.1
3.8
VCC = 1.8V
VCC = 3.3V
VCC = 4.0V
1.90
3.5
4.2
1.85
3.4
4.1
1.80
3.3
4.0
1.75
3.2
3.9
Figure 46. Sideband Rejection vs. Supply Voltage over Temperature,
Uncalibrated
27.7
30.7
29.7
30.2
29.2
28.7
28.2
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
30
10
12
20
28
16
24
18
26
14
22
Figure 47. Output P1dB vs. RF Frequency over Temperature
0
–60
–50
–30
–10
–40
–20
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 48. Sideband Rejection vs. IF Frequency over Temperature,
Uncalibrated
VCTR_IF (V)
TA = +85°C
TA = +25°C
TA = –40°C
–45
–35
–25
–5
0
–30
–40
–15
–10
–20
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
3.3
Figure 49. Sideband Rejection vs. VCTR_IF over Temperature, Uncalibrated
1.5
3.5
2.9
3.3
2.5
2.1
2.7
3.1
2.3
1.9
1.7
IF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
30
10
12
20
28
16
24
18
26
14
22
Figure 50. Output P1dB vs. IF Frequency over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com