Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 7Page - Analog Devices ADMV4530 Datasheet HTML 8Page - Analog Devices ADMV4530 Datasheet HTML 9Page - Analog Devices ADMV4530 Datasheet HTML 10Page - Analog Devices ADMV4530 Datasheet HTML 11Page - Analog Devices ADMV4530 Datasheet HTML 12Page - Analog Devices ADMV4530 Datasheet HTML 13Page - Analog Devices ADMV4530 Datasheet HTML 14Page - Analog Devices ADMV4530 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 11 of 59
39
–15
–3
9
21
33
–9
3
15
27
0
1.4
1.8
1.6
1.0
1.2
0.8
0.6
0.4
0.2
VCTR_RF (V)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. Output IP3 vs. VCTR_RF over Temperature
35
–5
0
10
20
30
5
15
25
–20
15
5
10
0
–5
–10
–15
POUT PER TONE (dBm)
TA = +85°C
TA = +25°C
TA = –40°C
VCTR_RF = 1.3V
VCTR_RF = 1.8V
VCTR_RF = 1.0V
Figure 10. Output IP3 vs. Output Power (POUT) per Tone over Temperature
SUPPLY VOLTAGE (V)
1.70
3.1
3.8
VCC = 1.8V
VCC = 3.3V
VCC = 4.0V
1.90
3.5
4.2
1.85
3.4
4.1
1.80
3.3
4.0
1.75
3.2
3.9
10
12
14
16
18
20
22
24
26
28
30
32
34
36
38
40
TA = +85°C
TA = +25°C
TA = –40°C
Figure 11. Output IP3 vs. Supply Voltage over Temperature
40
10
12
20
26
30
38
16
14
22
18
24
28
34
36
32
0
2.5
2.0
1.5
1.0
0.5
VCM (V)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 12. Output IP3 vs. VCM over Temperature
–120
–150
–145
–135
–125
–140
–130
27.0
30.5
31.0
29.0
30.5
29.0
28.5
28.0
27.5
RF FREQUENCY (GHz)
TA = +85°C
TA = +25°C
TA = –40°C
Figure 13. Output Noise Density vs. RF Frequency over Temperature
–120
–150
–145
–135
–125
–140
–130
TA = +85°C
TA = +25°C
TA = –40°C
SUPPLY VOLTAGE (V)
1.70
3.1
3.8
VCC = 1.8V
VCC = 3.3V
VCC = 4.0V
1.90
3.5
4.2
1.85
3.4
4.1
1.80
3.3
4.0
1.75
3.2
3.9
Figure 14. Output Noise Density vs. Supply Voltage over Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com