Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 130 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 130 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 126Page - WIZnet Co., Ltd W6100 Datasheet HTML 127Page - WIZnet Co., Ltd W6100 Datasheet HTML 128Page - WIZnet Co., Ltd W6100 Datasheet HTML 129Page - WIZnet Co., Ltd W6100 Datasheet HTML 130Page - WIZnet Co., Ltd W6100 Datasheet HTML 131Page - WIZnet Co., Ltd W6100 Datasheet HTML 132Page - WIZnet Co., Ltd W6100 Datasheet HTML 133Page - WIZnet Co., Ltd W6100 Datasheet HTML 134Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
130/149
 SOCKET-less Command
SLCR[NA] transmits unsolicited NA packet to all-node.
{
SLCR[NA] = ‘1’; /* set Unsolicited NA Command */
while(SLCR != 0x00) ; /* Wait until Unsolicited NA Command is completed*/
}
 Timeout
SLIR[TOUT] is set when the transmission is completed.
{
/* check TIMEOUT Interrupt */
if(SLIR[TOUT] == 1)
{
SLIRCLR[TOUT] = ‘1’; /* clear Interrupt */
goto SUCCESS;
}
}
6.7
Retransmission
6.7.1 ARP & PING & ND Retransmission
When there is no response from a destination against of ARP/PING/ND Packet, ARP/PING/ND
retransmission is performed. In retransmission process, the request packet is retransmitted
every RTR until the response packet is received. And if the count of retransmission exceeds
RCR, TIMEOUT occurs. The below table shows retransmission TIMEOUT (ARPTO, PINGTO, NDTO).
ARPTO, PINGTO, NDTO = (TIMEOUTVAL x 0.1ms) x (TIMEOUTCNT + 1)
TIMEOUTVAL = SLRTR or Sn_RTR
TIMEOUTCNT = SLRCR or Sn_RCR
Ex) TIMEOUTVAL = 2000(0x07D0), TIMEOUTCNT = 8(0x0008)
ARPTO= 2000 X 0.1ms X 9 = 1.8s
ARPTO occurs when there is no response from a destination in ARP-process by Sn_CR [CONNECT]
in TCP4 mode, Sn_CR[SEND] in UDP4 & IPRAW4 mode, and SLCR[ARP] in SOCKET-less command.
Sn_IR[TIMEOUT] or SLIR[TOUT] is set by ARPTO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com