Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 131 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 131 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 127Page - WIZnet Co., Ltd W6100 Datasheet HTML 128Page - WIZnet Co., Ltd W6100 Datasheet HTML 129Page - WIZnet Co., Ltd W6100 Datasheet HTML 130Page - WIZnet Co., Ltd W6100 Datasheet HTML 131Page - WIZnet Co., Ltd W6100 Datasheet HTML 132Page - WIZnet Co., Ltd W6100 Datasheet HTML 133Page - WIZnet Co., Ltd W6100 Datasheet HTML 134Page - WIZnet Co., Ltd W6100 Datasheet HTML 135Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
131/149
PINGTO occurs when there is no response from a destination in ARP-process by SLCR[PING] and
SLCR[PING6] or no PING reply from a destination after ARP-process.
SLIR[TOUT] is set by PINGTO.
NDTO occurs in the ND process by Sn_CR[CONNECT6] in TCP6 & TCPD mode, Sn_CR[SEND6] in
UDP6 & UDPD & IPRAW6 mode, SLCR[ARP6] & SLCR[NS] & SLCR[RS] in SOCKET-less command.
Sn_IR[TIMEOUT] or SLIR[TOUT] is set by NDTO.
6.7.2 TCP Retransmission
When TCP mode SOCKET doesn’t receive ACK packet from a destination against of SYN, FIN,
or DATA packet sent, TCP retransmission is performed. In TCP retransmission process, the
packet is retransmitted every Sn_RTR until ACK packet from the destination is received. And
if the count of retransmission exceeds Sn_RCR, SOCKET n TIMEOUT occurs.
The below table shows the TCP Retransmission TIMEOUT (TCPTO).
TCPTO = (∑(TIMEOUTVAL × 2N)
M
N=0
+ ((TIMEOUTCNT − M) × TIMEOUTMAXVAL)) × 0.1ms
N : Retransmission Counter, 0 ≤ N ≤ M
M : TIMEOUTVAL × 2(����+1) >65535 and 0 ≤ M ≤ TIMEOUT
CNT 에서의 최소값
TIMEOUTVAL = Sn_RTR
TIMEOUTCNT = Sn_RCR
TIMEOUTMAXVAL: TIMEOUTVAL× 2����
Ex) RTR = 2000(0x07D0), RCR = 8(0x0008)
TCPTO = (0x07D0+0x0FA0+0x1F40+0x3E80+0x7D00+0xFA00+0xFA00+0xFA00+0xFA00) X 0.1ms
= (2000 + 4000 + 8000 + 16000 + 32000 + ((8 - 4) X 64000)) X 0.1ms
= 318000 X 0.1ms = 31.8s
TCPTO occur by CONNECT, CONNECT6, SEND, SEND6, and DISCON command in Sn_CR, and
Sn_IR [TIMEOUT] is set by TCPTO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com