Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 132 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 132 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 128Page - WIZnet Co., Ltd W6100 Datasheet HTML 129Page - WIZnet Co., Ltd W6100 Datasheet HTML 130Page - WIZnet Co., Ltd W6100 Datasheet HTML 131Page - WIZnet Co., Ltd W6100 Datasheet HTML 132Page - WIZnet Co., Ltd W6100 Datasheet HTML 133Page - WIZnet Co., Ltd W6100 Datasheet HTML 134Page - WIZnet Co., Ltd W6100 Datasheet HTML 135Page - WIZnet Co., Ltd W6100 Datasheet HTML 136Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
132/149
6.8
Others Functions
6.8.1 System Clock(SYS_CLK) Switching
SYS_CLK operates in 25MHz or 100MHz and can be set by SYCR1[CLKSEL], PHYCR1[RST], or
PHYCR1[PWDN]. When clock switching happens, it take times until SYS_CLK becomes stable.
Refer to 6.7 Retransmission.
SYCR1[CLKSEL]
PHYCR1[RST]
PHYCR1[PWDN]
SYS_CLK(MHz)
0
0
X
25
0
1
0
100 (Default)
0
1
1
25
1
X
X
25
6.8.2 Ethernet PHY Operation Mode Configuration
PHY operation mode (Speed, Duplex) is set by PHYCR0 and it becomes valid after Ethernet PHY
HW reset. PHY operation mode can be checked with PHYSR[5:3] and link state with PHYSR[2:0]
after Ethernet PHY link up.
PHYCR0 can be configured only when PHYLCKR is unlocked.
Ex) Setting PHY Operation Mode
PHY_10FDX :
{
/* PHYCR0 & PHYCR1 Unlock */
PHYLCKR = 0x53;
/* Set PHYCR0 100/10BASE & Full/Duplex */
phy_mode = ‘000’
// Auto Negotiation
//phy_mode = ‘100’
// 100BASE-TX FDX
//phy_mode = ‘101’
// 100BASE-TX HDX
//phy_mode = ‘110’
// 10BASE-TX FDX
//phy_mode = ‘111’
// 10BASE-TX HDX
PHYCR0[2:0] = phy_mode;
/* PHY Reset Process */
PHYCR1[RST] = ‘1’;
Wait TPRST;
// refer to 8.4.1 Reset Timing
/* PHYCR0 & PHYCR1 Lock */
PHYLCKR = 0x00;
// for Lock, write any value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com