Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 133 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 133 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 129Page - WIZnet Co., Ltd W6100 Datasheet HTML 130Page - WIZnet Co., Ltd W6100 Datasheet HTML 131Page - WIZnet Co., Ltd W6100 Datasheet HTML 132Page - WIZnet Co., Ltd W6100 Datasheet HTML 133Page - WIZnet Co., Ltd W6100 Datasheet HTML 134Page - WIZnet Co., Ltd W6100 Datasheet HTML 135Page - WIZnet Co., Ltd W6100 Datasheet HTML 136Page - WIZnet Co., Ltd W6100 Datasheet HTML 137Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
133/149
/* wait until PHY Link is up */
while(PHYSR[LNK] != ‘0’);
/* read PHYSR */
If( (PHYSR[5:3] == phy_mode) ) SUCCESS;
else FAIL;
}
6.8.3 Ethernet PHY Parallel Detection
If the link partner doesn’t support auto-negotiation, embedded Ethernet PHY of W6100 makes
a link via parallel detection.
*CAUTION T
he duplex mode mismatch like 10F/10H may decrease the network performance.
Link Partner
PHY
Auto
10H
10F
100H
100F
Auto
100F
100F
10H
10H
10F
10H
100H
100H
100F
100H
Manual
10H
10H
10H
10H
10H
10F
10H
Manual
10F
10H
10F
10H
10F
10F
10F
Manual
100H
100H
100H
100H
100H
100F
100F
Manual
100F
100H
100F
100H
100F
100F
100F
6.8.4 Ethernet PHY Auto MDIX
W6100 supports auto-MDIX when Ethernet PHY is set as auto-negotiation (PHYCR0[MODE2] =
‘0’), symmetric transformer (Figure 43 Transformer Type) is used in this case.
Without auto-negotiation, auto-MDIX cannot be supported, hence cross UTP cable should be
used.
*CAUTION : If any mode among all nodes make link support auto-MDIX, then both straight or cross
UTP cable can be used.
6.8.5 Ethernet PHY Power Down Mode
In case of PHYCR1[PWDN] = ‘1’, Ethernet PHY enters power down mode and SYS_CLK is changed
to 25MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com