Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 145 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 145 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 141Page - WIZnet Co., Ltd W6100 Datasheet HTML 142Page - WIZnet Co., Ltd W6100 Datasheet HTML 143Page - WIZnet Co., Ltd W6100 Datasheet HTML 144Page - WIZnet Co., Ltd W6100 Datasheet HTML 145Page - WIZnet Co., Ltd W6100 Datasheet HTML 146Page - WIZnet Co., Ltd W6100 Datasheet HTML 147Page - WIZnet Co., Ltd W6100 Datasheet HTML 148Page - WIZnet Co., Ltd W6100 Datasheet HTML 149Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 145 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
145/149
8.4.4 Transformer Characteristics
Table 22 Transformer Characteristics
Parameter
Transmit End
Receive End
Turn Ratio
1:1
1:1
Inductance
350 uH
350 uH
Figure 43 Transformer Type
8.4.5 MDIX
W6100 supports Auto-MDIX only when W6100 is in Auto-negotiation mode.
8.5
POWER DISSIPATION
Table 23 Power Dissipation
(Test Condition: VDD=3.3V, AVDD=3.3V, Ta = 25°C)
Condition
Min
Typ
Max
Unit
100M Link
-
98
115
mA
10M Link
-
112
265
mA
10M-Te Link
-
75
190
mA
100M Unlink
(actual measurement)
-
50
199
mA
10M Unlink
(actual measurement)
-
26
170
mA
10M-Te Unlink
(actual measurement)
-
26
130
mA
Un-Link
(Auto-negotiation mode)
(actual measurement)
-
50
199
mA
Power Down mode
-
14
20
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com