Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 141 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 141 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 137Page - WIZnet Co., Ltd W6100 Datasheet HTML 138Page - WIZnet Co., Ltd W6100 Datasheet HTML 139Page - WIZnet Co., Ltd W6100 Datasheet HTML 140Page - WIZnet Co., Ltd W6100 Datasheet HTML 141Page - WIZnet Co., Ltd W6100 Datasheet HTML 142Page - WIZnet Co., Ltd W6100 Datasheet HTML 143Page - WIZnet Co., Ltd W6100 Datasheet HTML 144Page - WIZnet Co., Ltd W6100 Datasheet HTML 145Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
141/149
8.3
DC Characteristics
Table 17 DC Characteristics
(Test Condition: Ta = –40 to 85°C)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDD
Supply voltage
Apply VDD, AVDD
2.97
3.3
3.63
V
VIH
High level input
voltage
2.0
-
-
V
VIL
Low level input
voltage
-
0.8
V
VT+
Schmitt trig Low to
High Threshold
point
All inputs except Analog
PINs
0.8
1.1
-
V
VT-
Schmitt trig High to
Low Threshold point
All inputs except Analog
PINs
-
1.6
2.0
V
TJ
Junction
temperature
-40
25
125
°C
IL
Input Leakage
Current
1
10
A
RPU
Pull-up Resistor
40
75
190
K
RPD
Pull-down Resistor
30
75
190
K
VOL
Low level output
voltage
IOL = 2.0mA ~ 8.0mA
All outputs except XSCO
0.4
V
VOH
High level output
voltage
IOH = 2.0m ~ 8.0mA,
All outputs except XSCO
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com