Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 138 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 138 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 134Page - WIZnet Co., Ltd W6100 Datasheet HTML 135Page - WIZnet Co., Ltd W6100 Datasheet HTML 136Page - WIZnet Co., Ltd W6100 Datasheet HTML 137Page - WIZnet Co., Ltd W6100 Datasheet HTML 138Page - WIZnet Co., Ltd W6100 Datasheet HTML 139Page - WIZnet Co., Ltd W6100 Datasheet HTML 140Page - WIZnet Co., Ltd W6100 Datasheet HTML 141Page - WIZnet Co., Ltd W6100 Datasheet HTML 142Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
138/149
7.
Clock & Transformer Requirements
7.1
Quartz Crystal Requirements.
Table 10 Quartz Crystal
Parameter
Condition / Description
Min
Typ
Max
Unit
Frequency(F)
25
MHz
Frequency Tolerance
At 25
C
-50
+50
ppm
Frequency Stability
1 Year aging.
-50
+50
ppm
Load Capacitance (CL)
ESR = 30 Ω
12
pF
Feedback Resistor (RF)
External resistor
1M
Ω
Startup time
W6100 Reset
60
ms
Trans-conductance(gm)
16.7
mA/V
Gain Margin (gainmargin)
gainmargin = gm / gmcrit
6.99
dB
C0(1) : The Packaging Parasitic Shunt Capacitance.
CL(1) : Load Capacitance. eq) CL = (CL1 X CL2) / (CL1 X CL2) + Cs
CL1 , CL2 : External Capacitances of the circuit connected to the crystal (Typically, CL1 = CL2)
Cs : Stray Capacitance of printed circuit board and connections.
gmcrit : Oscillator loop critical gain. eq) gmcrit = 4 × (ESR + RExt) × (2πF)2 × (C0 + CL)2
ESR(1) : Maximal equivalent series resistance. eq) ESR = Rm X ( 1 + C0/CL)2
RExt : Resistor for limiting the drive level(DL) of the crystal.
DL(1) : The power dissipated in the crystal. Excess power can destroy the crystal.
RF(2) : Feedback resistor.
⚫
C0, CL, ESR and DL are provided by the crystal manufacturer.
⚫
The W6100 has no feedback resistor. Therefore, it must be inserted outside.
* Figure 37 shows Crystal circuit modeling.
Figure 37 Quartz Crystal Model
Table 11 Crystal Recommendation Characteristics
Parameter
Range
Frequency
25 MHz
Frequency Tolerance (at 25℃)
±30 ppm
Shunt Capacitance
7pF Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com