Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 139 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 139 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 135Page - WIZnet Co., Ltd W6100 Datasheet HTML 136Page - WIZnet Co., Ltd W6100 Datasheet HTML 137Page - WIZnet Co., Ltd W6100 Datasheet HTML 138Page - WIZnet Co., Ltd W6100 Datasheet HTML 139Page - WIZnet Co., Ltd W6100 Datasheet HTML 140Page - WIZnet Co., Ltd W6100 Datasheet HTML 141Page - WIZnet Co., Ltd W6100 Datasheet HTML 142Page - WIZnet Co., Ltd W6100 Datasheet HTML 143Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
139/149
Drive Level
500uW
Load Capacitance
12pF
Aging (at 25℃)
±3ppm / year Max
7.2
Oscillator requirements.
Table 12 Oscillator Characteristics
Parameter
Condition / Description
Min
Typ
Max
Unit
Frequency
25
MHz
Frequency Tolerance
At 25
C
-50
+50
ppm
Frequency Stability
1 Year aging. 25
C
-50
+50
ppm
Clock Duty
50% of waveform
45
50
55
%
Input High Voltage
-
0.97
-
V
Input Low Voltage
-
0.13
-
V
Rise/Fall Time
10% to 90% of waveform
8ns
Start Up Time
-
-
10ms
Operating Voltage
1.08V
1.2V
1.32V
Aging (at 25℃)
±3 / year Max
ppm
7.3
Transformer Characteristics
Table 13 Transformer Characteristics
Parameter
Transmit End
Receive End
Turn Ratio
1:1
1:1
Inductance
350 uH
350 uH
Figure 38 Transformer Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com