Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 142 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 142 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 138Page - WIZnet Co., Ltd W6100 Datasheet HTML 139Page - WIZnet Co., Ltd W6100 Datasheet HTML 140Page - WIZnet Co., Ltd W6100 Datasheet HTML 141Page - WIZnet Co., Ltd W6100 Datasheet HTML 142Page - WIZnet Co., Ltd W6100 Datasheet HTML 143Page - WIZnet Co., Ltd W6100 Datasheet HTML 144Page - WIZnet Co., Ltd W6100 Datasheet HTML 145Page - WIZnet Co., Ltd W6100 Datasheet HTML 146Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
142/149
8.4
AC Characteristics
8.4.1 Reset Timing
Figure 39 Reset Timing
Table 18 Reset Table
Symbol
Description
Min
Typ
Max
TRST
Reset Time
350 ns
580 ns
1.0 us
TSTA
Stable Time
-
60.3 ms
TFL
Fast to Low Time by MR2[CLKSEL]
100 ns
-
Fast to Low Time by PHYCR1[RST] or
PHYCR1[PWDN]
300 ns
TPRST
PHY Auto Reset Time
0.6 ms
-
PHY Power Down Time
200 us
Clock Switch Time
200 ns
TLF
Low to Fast Time by MR2[CLKSEL]
100 ns
-
Low to Fast Time by PHYCR1[RST] or
PHYCR1[PWDN]
100 ns
*COMMENT: PHY power-down mode has TFI and TLF (In PHY power-down mode, SYS_CLK switches to
low clock. After TFL , users can disable PHY power-down mode.
*CAUTION: Users must not set PHY auto reset and PHY power-down mode at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com