Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 140 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 140 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 136Page - WIZnet Co., Ltd W6100 Datasheet HTML 137Page - WIZnet Co., Ltd W6100 Datasheet HTML 138Page - WIZnet Co., Ltd W6100 Datasheet HTML 139Page - WIZnet Co., Ltd W6100 Datasheet HTML 140Page - WIZnet Co., Ltd W6100 Datasheet HTML 141Page - WIZnet Co., Ltd W6100 Datasheet HTML 142Page - WIZnet Co., Ltd W6100 Datasheet HTML 143Page - WIZnet Co., Ltd W6100 Datasheet HTML 144Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
140/149
8.
Electrical Specification
8.1
Absolute Maximum ratings
Table 14 Absolute Maximum ratings
Symbol
Parameter
Rating
Unit
VDD
DC Supply voltage
-0.5 to 4.6
V
VIN
DC input voltage
-0.5 to 4.6
V
VOUT
DC output voltage
-0.5 to 3.63
V
IIN
DC input current
20
mA
TOP
Operating temperature
-40 to +85
C
TJMAX
Maximum junction temperature
125
C
TSTG
Storage temperature
-65 to +150
C
*COMMENT: Stressing the device beyond the ‘Absolute Maximum Ratings’ may cause permanent
damage.
8.2
Absolute Maximum ratings (Electrical Sensitivity)
Table 15 Electro Static Discharge (ESD)
Symbol
Parameter
Test Condition
Class
Maximum
value(1)
Unit
VESD HBM
Electrostatic discharge
voltage (human body
model)
TA = +25 °C
conforming to MIL-STD
883F Method 3015.7
2
2000
V
VESD MM
Electrostatic discharge
voltage (man machine
model)
TA = +25 °C
conforming to JEDEC
EIA/JESD22 A115-A
B
200
V
VESD CDM
Electrostatic discharge
voltage (charge device
model)
TA = +25 °C
conforming to JEDEC
JESD22 C101-C
III
500
V
Table 16 Latch up Test
Test Condition
Class
Maximum value
Unit
TA = +25 °C conforming to JESD78
Current
≥ ±100
mA
Voltage
≥ 1.5*VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com