Electronic Components Datasheet Search
  English  ▼

X  

W6100 Datasheet(PDF) 146 Page - WIZnet Co., Ltd

Part # W6100
Description  Hardwired Dual TCP/IP Stack Controller
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W6100 Datasheet(HTML) 146 Page - WIZnet Co., Ltd

Back Button W6100 Datasheet HTML 141Page - WIZnet Co., Ltd W6100 Datasheet HTML 142Page - WIZnet Co., Ltd W6100 Datasheet HTML 143Page - WIZnet Co., Ltd W6100 Datasheet HTML 144Page - WIZnet Co., Ltd W6100 Datasheet HTML 145Page - WIZnet Co., Ltd W6100 Datasheet HTML 146Page - WIZnet Co., Ltd W6100 Datasheet HTML 147Page - WIZnet Co., Ltd W6100 Datasheet HTML 148Page - WIZnet Co., Ltd W6100 Datasheet HTML 149Page - WIZnet Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 146 / 149 page
background image
W6100 – Hardwired Dual TCP/IP Stack Controller
146/149
9.
Package Information
9.1
LQFP48
Table 24 LQFP48 VARIATIONS (ALL DEMINSIONS SHOWN IN MM)
SYMBOL
MIN
NOM
MAX
A
--
--
1.60
A1
0.05
--
0.15
A2
1.35
1.40
1.45
b
0.17
0.22
0.27
c
0.09
--
0.20
D
9.00 BSC
D1
7.00 BSC
E
9.00 BSC
E1
7.00 BSC
e
0.50 BSC
L
0.45
0.60
0.75
L1
1.00 REF
θ
0°
3.5°
7°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com