Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 4 Page - Texas Instruments

  BQ25302 Datasheet HTML 1Page - Texas Instruments BQ25302 Datasheet HTML 2Page - Texas Instruments BQ25302 Datasheet HTML 3Page - Texas Instruments BQ25302 Datasheet HTML 4Page - Texas Instruments BQ25302 Datasheet HTML 5Page - Texas Instruments BQ25302 Datasheet HTML 6Page - Texas Instruments BQ25302 Datasheet HTML 7Page - Texas Instruments BQ25302 Datasheet HTML 8Page - Texas Instruments BQ25302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
6 Pin Configuration and Functions
12
GND
11
10
BAT
9
GND
VSET
(Not to scale)
Thermal
Pad
1
VBUS
2
REGN
3
STAT
4
ICHG
7
8
5
6
Figure 6-1. RTE Package 16-Pin WQFN Top View
Table 6-1. Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
VBUS
1
P
Charger Input Voltage. The internal n-channel reverse block MOSFET (RBFET) is connected between
VBUS and PMID with VBUS on source. Place a 2.2uF ceramic capacitor from VBUS to GND and place it
as close as possible to IC.
PMID
16
P
Connected to the drain of the reverse blocking MOSFET (RBFET) and the drain of high-side MOSFET
(HSFET). Place ceramic 10μF on PMID to GND and place it as close as possible to IC.
SW
13,14
P
Switching node. Connected to output inductor. Internally SW is connected to the source of the n-channel
HSFET and the drain of the n-channel LSFET. Connect the 0.047μF bootstrap capacitor from SW to BTST.
BTST
15
P
High-Side FET Driver Supply. Internally, the BTST is connected to the cathode of the internal boost-strap
diode. Connect the 0.047μF bootstrap capacitor from SW to BTST.
GND
11,12
P
Ground. Connected directly to thermal pad on the top layer. A single point connection is recommended
between power ground and analog ground near the IC GND pins.
REGN
2
P
Low-Side FET driver positive supply output. Connect a 2.2μF ceramic capacitor from REGN to GND. The
capacitor should be placed close to the IC.
BAT
10
AI
Battery Voltage Sensing Input. Connect this pin to the positive terminal of the battery pack and the node of
inductor output terminal. 10-µF capacitor is recommended to connect to this pin.
TS
7
AI
Battery Temperature Protection Voltage Input. Connect a negative temperature coefficient thermistor
(NTC). Program temperature window with a resistor divider from REGN to TS and TS to GND. Charge
suspends when TS pin voltage is out of range. When TS pin is not used, connect a 10-kΩ resistor from
REGN to TS and a 10-kΩ resistor from TS to GND. It is recommended to use a 103AT-2 thermistor.
ICHG
4
AI
Charge current program input. Connect a 1% resistor RICHG from this pin to ground to program the
charge current as ICHG = KICHG / RICHG (KICHG = 40,000). No capacitor is allowed to connect at this pin.
When ICHG pin is pulled to ground or left open, the charger stop switching and STAT pin starts blinking.
STAT
3
AO
Charge Status Indication Output. This pin is open drain output. Connect this pin to REGN via a current
limiting resistor and LED. The STAT pin indicates charger status as:
•
Charge in progress: STAT pin is pulled LOW
•
Charge completed, charge disabled by EN: STAT pin is OPEN
•
Fault conditions: STAT pin blinks.
VSET
9
AI
Charge Voltage Setting Input. VSET pin sets battery charge voltage. Program battery regulation voltage
with a resistor pull-down from VSET to GND:
•
Floating (R > 200kΩ±10%): 4.1V
•
Shorted to GND (R < 510Ω): 4.2V
•
R = 51kΩ ± 10%: 4.35V
•
R = 10kΩ ± 10%: 4.4V
The maximum allowed capacitance on this pin is 50pF.
POL
5
AI
This pin must be floating.
EN
6
AI
Device Disable Input. The device is enabled with EN pin floating or pulled low. The device is disabled if EN
pin is pulled high.
BQ25302
SLUSCZ3 – OCTOBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com