Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 10Page - Texas Instruments BQ25302 Datasheet HTML 11Page - Texas Instruments BQ25302 Datasheet HTML 12Page - Texas Instruments BQ25302 Datasheet HTML 13Page - Texas Instruments BQ25302 Datasheet HTML 14Page - Texas Instruments BQ25302 Datasheet HTML 15Page - Texas Instruments BQ25302 Datasheet HTML 16Page - Texas Instruments BQ25302 Datasheet HTML 17Page - Texas Instruments BQ25302 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
8.3 Feature Description
8.3.1 Device Power Up
The EN pin enable or disable the device. When the device is disabled, the device draws minimum current from
VBUS pin. POL grouding or floating determines the polority of the EN pin. The device can be powered up from
either VBUS or by enabling the device from EN pin.
8.3.1.1 Power-On-Reset (POR)
The EN pin can enable or disable the device. When the device is disabled, the device is in disable mode and it
draws minimum current at VBUS. When the device is enabled, if VBUS rises above V VBUS_UVLOZ, the device
powers part of internal bias and comparators and starts Power on Reset (POR).
8.3.1.2 REGN Regulator Power Up
The internal bias circuits are powered from the input source. The REGN supplies internal bias circuits as well as
the HSFET and LSFET gate drive. The REGN also provides voltage rail to STAT LED indication. The REGN is
enabled when all the below conditions are valid:
• Chip is enabled by EN pin
• VVBUS above VVBUS_UVLOZ
• VVBUS above VBAT + VSLEEPZ
• After sleep comparator deglitch time, VSET detection time, and REGN delay time
REGN remains on at fault conditions. REGN is powered by VBUS only and REGN is off when VBUS power is
removed.
8.3.1.3 Charger Power Up
Following REGN power-up, if there is no fault conditions, the charger powers up with soft start. If there is any
fault, the charger will remain off until fault is clear. Any of the fault conditions below gates charger power-up:
• VVBUS > VVBUS_OVP
• Thermistor cold/hot fault on TS pin
• VBAT > VBAT_OVP
• Safety timer fault
• ICHG pin is open or short to GND
• Die temperature is above TSHUT
8.3.1.4 Charger Enable and Disable by EN Pin
The charger can be enabled or disabled by EN pin pulled high or low. The charger is in disable mode when
disabled.
8.3.1.5 Device Unplugged from Input Source
When VBUS is removed from an adaptor, the device stays in HiZ mode and the leakage current from the battery
to BAT pin and SW pin is less than IQ_BAT_HIZ.
8.3.2 Battery Charging Management
The BQ25302 charges 1-cell Li-Ion battery with up to 2.0-A charge current from 4.1-V to 6.2-V input voltage. A
new charge cycle starts when the charger power-up conditions are met. The charge voltage is set by external
resistor connected at VSET pin and charge current are set by external resistors at ICHG pin. The charger
terminates the charging cycle when the charging current is below termination threshold ITERM and charge voltage
is above recharge threshold (VBATREG - VRECHG_HYS), and device is not in IINDPM or thermal regulation. When a
fully charged battery's voltage is discharged below recharge threshold, the device automatically starts a new
charging cycle with safety timer reset. To initiate a recharge cycle, the conditions of charger power-up must be
met. The STAT pin output indicates the charging status of charging (LOW), charging complete or charge
disabled (HIGH) or charging faults (BLINKING).
BQ25302
SLUSCZ3 – OCTOBER 2020
www.ti.com
14
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com