Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 13Page - Texas Instruments BQ25302 Datasheet HTML 14Page - Texas Instruments BQ25302 Datasheet HTML 15Page - Texas Instruments BQ25302 Datasheet HTML 16Page - Texas Instruments BQ25302 Datasheet HTML 17Page - Texas Instruments BQ25302 Datasheet HTML 18Page - Texas Instruments BQ25302 Datasheet HTML 19Page - Texas Instruments BQ25302 Datasheet HTML 20Page - Texas Instruments BQ25302 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
%
%
%
%
T3
T3
T3
T3
T1
T1
T1
T1
(1)
%
(2)
8.3.3 Charging Status Indicator (STAT)
The device indicates charging state on the open drain STAT pin. The STAT pin can drive a LED that is pulled up
to REGN rail through a current limit resistor.
Table 8-2. STAT Pin State
CHARGING STATE
STAT INDICATOR
Charging in progress (including recharge)
LOW
Charging complete
HIGH
HiZ mode, sleep mode, charge disable
HIGH
Safety timer expiration with battery voltage above recharge threshold
HIGH
Charge faults:
1. VBUS input over voltage
2. TS cold/hot faults
3. Battery over voltage
4. IC thermal shutdown
5. Safety timer expiration with battery voltage below recharge threshold
6. ICHG pin open or short
BLINKING at 1 Hz
with 50% duty cycle
8.3.4 Protections
8.3.4.1 Voltage and Current Monitoring
The device closely monitors the input voltage and input current for safe operation.
8.3.4.1.1 Input Over-Voltage Protection
This device integrates the functionality of an input over-voltage protection (OVP). The input OVP threshold is V
VBUS_OVP_RISE. During an input over-voltage event, the converter stops switching and safety timer stops counting
as well. The converter resumes switching and the safety timer resumes counting once the VBUS voltage drops
back below (VVBUS_OVP_RISE - VVBUS_OVP_HYS). The REGN LDO remains on during an input over-voltage event.
The STAT pin blinks during an input OVP event.
8.3.4.1.2 Input Voltage Dynamic Power Management (VINDPM)
When the input current of the device exceeds the current capability of the power supply, the charger device
regulates PMID voltage by reducing charge current to avoid crashing the input power supply. VINDPM
dynamically tracks the battery voltage. The actual VINDPM is the higher of V INDPM_MIN and (1.044*VBAT +
125mV).
8.3.4.1.3 Input Current Limit
The device has built-in input current limit. When the input current is over the threshold IINDPM, the converter duty
cycle is reduced to reduce input current.
8.3.4.1.4 Cycle-by-Cycle Current Limit
High-side (HS) FET current is cycle-by-cycle limited. Once the HSFET peak current hits the limit IHSFET_OCP, the
HSFET shuts down until the current is reduced below a threshold.
www.ti.com
BQ25302
SLUSCZ3 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com