Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 5Page - Texas Instruments BQ25302 Datasheet HTML 6Page - Texas Instruments BQ25302 Datasheet HTML 7Page - Texas Instruments BQ25302 Datasheet HTML 8Page - Texas Instruments BQ25302 Datasheet HTML 9Page - Texas Instruments BQ25302 Datasheet HTML 10Page - Texas Instruments BQ25302 Datasheet HTML 11Page - Texas Instruments BQ25302 Datasheet HTML 12Page - Texas Instruments BQ25302 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
7.5 Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VVBUS_OVP and VVBUS > VBAT + VSLEEP, TJ = -40°C to +125°C, and TJ = 25°C for typical values
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
VBAT_OVP_FALL
Battery overvoltage falling threshold VBAT falling, as percentage of VBATREG
100.0
101.6
103.1
%
CONVERTER PROTECTION
VBTST_REFRESH
Bootstrap refresh comparator
threshold
(VBTST - VSW) when LSFET refresh pulse is
requested, VBUS = 5V
2.7
3
3.3
V
IHSFET_OCP
HSFET cycle by cycle over current
limit threshold
5.2
6.2
6.7
A
STAT INDICATION
ISTAT_SINK
STAT pin sink current
6
mA
FBLINK
STAT pin blink frequency
1
Hz
FBLINK_DUTY
STAT pin blink duty cycle
50
%
THERMAL REGULATION AND THERMAL SHUTDOWN
TREG
Junction temperature regulation
accuracy
111
120
133
°C
TSHUT
Thermal shutdown rising threshold
Temperature increasing
150
°C
Thermal shutdown falling threshold
Temperature decreasing
125
°C
BUCK MODE OPERATION
FSW
PWM switching frequency
SW node frequency
1.02
1.20
1.38 MHz
DMAX
Maximum PWM Duty Cycle
97.0
%
REGN LDO
VREGN_UVLO
REGN UVLO
VVBUS rising
3.85
V
VREGN
REGN LDO output voltage
VVBUS = 5V, IREGN = 0 to 16mA
4.2
5.0
V
ICHG SETTING
VICHG
ICHG pin regulated voltage
993
998
1003
mV
RICHG_SHORT_FALL
Maximum resistance to disable
charge
VBUS=5V
1.00
kΩ
RICHG_OPEN_RISE
Minimum resistance to disable
charge
VBUS=5V,
565
kΩ
RICHG_MAX
Maximum programmable resistance
at ICHG
VBUS=5V
250.00
kΩ
RICHG_MIN_SLE0
Minimum programmable resistance
at ICHG
VBUS=5V
17.40
kΩ
RICHG_HIGH
ICHG setting resistor threshold to
clamp precharge and termination
current to 63mA
RICHG > RICHG_HIGH
60.0
65.0
70.0
kΩ
KICHG
Charge current ratio
ICHG set at 1.72A with RICHG = 23.2kΩ, V
BAT=3.8V, VBUS=5V, ICHG = KICHG / RICHG
36000
40000
44000 AxΩ
KICHG
Charge current ratio
ICHG set at 1.0A with RICHG = 40.2kΩ, V
BAT = 3.8V, VBUS = 5V, ICHG = KICHG / RICHG
36000
40280
44000 AxΩ
KICHG
Charge current ratio
ICHG set at 0.5A with RICHG = 78.7kΩ, V
BAT = 3.8V, VBUS = 5V, ICHG = KICHG / RICHG
32000
40700
48000 AxΩ
COLD/HOT THERMISTOR COMPARATOR
VT1%
TCOLD (0°C) threshold, charge
suspended if thermistor temperature
is below T1
VTS rising, as percentage to VREGN
72.68
73.5
74.35
%
VT1%
VTS falling
As Percentage to VREGN
70.68
71.5
72.33
%
VT3%
THOT (45°C) threshold, charge
suspended if thermistor temperature
is above T_HOT
VTS falling, as percentage to VREGN
46.35
47.25
48.15
%
www.ti.com
BQ25302
SLUSCZ3 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com