Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 7Page - Texas Instruments BQ25302 Datasheet HTML 8Page - Texas Instruments BQ25302 Datasheet HTML 9Page - Texas Instruments BQ25302 Datasheet HTML 10Page - Texas Instruments BQ25302 Datasheet HTML 11Page - Texas Instruments BQ25302 Datasheet HTML 12Page - Texas Instruments BQ25302 Datasheet HTML 13Page - Texas Instruments BQ25302 Datasheet HTML 14Page - Texas Instruments BQ25302 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
7.7 Typical Characteristics
fSW = 1.2 MHz
Inductance 1 uH
VBUS = 5 V
Inductor DCR = 14.6 mΩ
Figure 7-1. Battery Charge Efficiency vs. Charge Current
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
3.9
4
4.1
4.2
4.3
4.4
4.5
Copy
VBATREG = 4.1V
VBATREG = 4.2V
VBATREG = 4.35V
VBATREG = 4.4V
Figure 7-2. Battery Charge Regulation Voltage vs. Junction
Temperature
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
3.9
4
4.1
4.2
4.3
4.4
VIND
VINDPM = 4.1V
VINDPM = 4.3V
Figure 7-3. VINDPM vs. Junction Temperature
Junction Temperature (oC)
-40
-20
0
20
40
60
80
100
120
140
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
ICHG
Charge Current = 1.72A
Charge Current = 1A
Charge Current = 0.52A
Figure 7-4. Charge Current vs. Junction Temperature
RICHG (k:)
0
20
40
60
80
100
120
140
160
180
200
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
RICH
Figure 7-5. Charge Current vs. Charge Current Setting
Resistance RICHG
Charge Current (A)
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
40000
40200
40400
40600
40800
41000
41200
KICH
Figure 7-6. KICHG vs. Charge Current
www.ti.com
BQ25302
SLUSCZ3 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com