Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 1 Page - Texas Instruments

  BQ25302 Datasheet HTML 1Page - Texas Instruments BQ25302 Datasheet HTML 2Page - Texas Instruments BQ25302 Datasheet HTML 3Page - Texas Instruments BQ25302 Datasheet HTML 4Page - Texas Instruments BQ25302 Datasheet HTML 5Page - Texas Instruments BQ25302 Datasheet HTML 6Page - Texas Instruments BQ25302 Datasheet HTML 7Page - Texas Instruments BQ25302 Datasheet HTML 8Page - Texas Instruments BQ25302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
1 Features
• Standalone charger and easy to configure
• High-efficiency, 1.2-MHz, synchronous switch-
mode buck charger
– 94.3% charge efficiency at 1A from 5-V input
• Single input to support USB input
– Support 4.1-V - 6.2-V input voltage range with
28-V absolute maximum input voltage rating
– Input Voltage Dynamic Power Management
(VINDPM) tracking battery voltage
• High integration
– Integrated reverse blocking and synchronous
switching MOSFET
– Internal input and charge current sense
– Internal loop compensation
– Integrated bootstrap diode
• 4.1-V / 4.2-V / 4.35-V / 4.4-V charge voltage
• 2.0-A maximum fast charge current
• 200-nA low battery leakage current at 4.5-V VBAT
• 4-µA VBUS supply current in IC disable mode
• Charge current thermal regulation at 120°C
• Precharge current: 10% of fast charge current
• Termination current: 10% of fast charge current
• Charge accuracy
– ±0.5% charge voltage regulation
– ±10% charge current regulation
• Safety
– Thermal regulation and thermal shutdown
– Input Under-Voltage Lockout (UVLO) and Over-
Voltage Protection (OVP)
– Battery overcharge protection
– Safety timer for precharge and fast charge
– Charge disabled if current setting pin ICHG is
open or short
– Cold/hot battery temperature protection
– Fault report on STAT pin
• Available in WQFN 3x3-16 package
2 Applications
• Wireless speaker
• Barcode scanner
• Gaming
• Cradle charger
• Cordless power tool
• Building Automation
• Medical
3 Description
The BQ25302 is a highly-integrated standalone
switch-mode battery charger for single cell Li-Ion and
Li-polymer batteries. The BQ25302 supports 4.1-V to
6.2-V input voltage and 2-A fast charge. The
integrated current sensing topology of the device
enables high charge efficiency and low BOM cost.
The best-in-class 200-nA low quiescent current of the
device conserves battery energy and maximizes the
shelf time for portable devices. The BQ25302 is
available in a 3x3 WQFN package for easy 2-layer
layout and space limited applications.
Device Information
PART NUMBER(1)
PACKAGE
BODY SIZE (NOM)
BQ25302
RTE
3.00mm x 3.00mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
2.2 …F
2.2 …F
47 nF
REGN
10 …F
VBUS
REGN
REGN
ICHG
VSET
Thermal Pad
Q3
Q1
Q2
BAT
TS
PGND
BTST
SW
VBUS
2.2 …F
PMID
1 …+
Simplified Application
www.ti.com
BQ25302
SLUSCZ3 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: BQ25302
BQ25302
SLUSCZ3 – OCTOBER 2020
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - BQ25302

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25302 TI-BQ25302 Datasheet
1Mb / 32P
BQ25303J Standalone 1-Cell, 17-V, 3.0-A Battery Charger with JEITA Battery Temperature Monitoring
BQ25302 TI1-BQ25302 Datasheet
2Mb / 39P
BQ25308 Standalone 1-Cell, 17V, 3.0A Battery Charger with Dead Battery Charge Inhibit
APRIL 2024
BQ25302 TI2-BQ25302 Datasheet
2Mb / 40P
BQ25303J Standalone 1-Cell, 17-V, 3.0-A Battery Charger with JEITA Battery Temperature Monitoring
FEBRUARY 2021
BQ25302 TI2-BQ25302 Datasheet
2Mb / 41P
BQ25306 Standalone 17-V, 3.0-A 1-2 Cell Buck Battery Charger
REVISED NOVEMBER 2020
More results

Similar Description - BQ25302

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_15 Datasheet
267Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB10803 UTC-UB10803_15 Datasheet
243Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB2016 UTC-UB2016_18 Datasheet
307Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
Texas Instruments
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ25306 TI1-BQ25306 Datasheet
177Kb / 7P
BQ25306 Standalone 17-V, 3.0-A Single Cell and Dual Cell Buck Battery Charger
BQ25306 TI-BQ25306_V01 Datasheet
260Kb / 10P
BQ25306 Standalone 17-V, 3.0-A Single Cell and Dual Cell Buck Battery Charger
BQ25300 TI-BQ25300 Datasheet
1Mb / 32P
BQ25300 Standalone 1-Cell, 17-V, 3.0-A Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com