Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 4Page - Texas Instruments BQ25302 Datasheet HTML 5Page - Texas Instruments BQ25302 Datasheet HTML 6Page - Texas Instruments BQ25302 Datasheet HTML 7Page - Texas Instruments BQ25302 Datasheet HTML 8Page - Texas Instruments BQ25302 Datasheet HTML 9Page - Texas Instruments BQ25302 Datasheet HTML 10Page - Texas Instruments BQ25302 Datasheet HTML 11Page - Texas Instruments BQ25302 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
7.5 Electrical Characteristics (continued)
VVBUS_UVLOZ < VVBUS < VVBUS_OVP and VVBUS > VBAT + VSLEEP, TJ = -40°C to +125°C, and TJ = 25°C for typical values
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
RDSON_Q2
High-side switching MOSFET on-
resistance between PMID and SW
(Q2)
VREGN = 5V
50
82
mΩ
RDSON_Q3
Low-side switching MOSFET on-
resistance between SW and GND
(Q3)
VREGN = 5V
45
72
mΩ
BATTERY CHARGER
VBATREG
Charge voltage regulation
VSET pin floating, TJ = -40°C to +85°C
4.078
4.100
4.118
V
VSET pin is grounded, TJ = -40°C to +85°C
4.178
4.200
4.218
V
Connect VSET pin to 51kΩ resistor, TJ =
-40°C to +85°C
4.328
4.350
4.371
V
Connect VSET pin to 10kΩ resistor, TJ =
-40°C to +85°C
4.376
4.400
4.418
V
ICHG
Charge current regulation
ICHG set at 1.72A with RICHG=23.2kΩ, VBAT
= 3.8V, VBUS = 5V
1.55
1.72
1.89
A
ICHG set at 1.0A with RICHG=40.2kΩ, VBAT
= 3.8V, VBUS = 5V
0.90
1.00
1.10
A
ICHG set at 0.5A with RICHG=78.7kΩ, VBAT
= 3.8V, VBUS = 5V
0.40
0.517
0.60
A
ITERM
Termination current
ICHG = 1.72A, 10% of ICHG,
RICHG=23.2kΩ, BATREG = 4.2V, VBUS =
5V
138
172
206
mA
ITERM
Termination current
ICHG = 1.0A, 10% of ICHG,
RICHG=40.2kΩ, BATREG = 4.2V, VBUS =
5V
70
100
130
mA
ITERM
Termination current
ICHG=500mA, ITERM =63mA
RICHG=78.7kΩ, BATREG = 4.2V, VBUS =
5V
33
63
93
mA
IPRECHG
Precharge current
ICHG = 1.72A, 10% of ICHG, R
ICHG=23.2kΩ, VBATREG = 4.2V, VBAT = 2.5V,
VBUS = 5V
115
172
225
mA
ICHG = 1.72A, 10% of ICHG, R
ICHG=40.2kΩ, VBATREG = 4.2V, VBAT = 2.5V,
VBUS = 5V
50
100
150
mA
ICHG = 1.72A, 10% of ICHG, R
ICHG=78.7kΩ, VBATREG = 4.2V, VBAT = 2.5V,
VBUS = 5V
28
63
98
mA
VBAT_SHORT_RISE
VBAT short rising threshold
Short to precharge
2.05
2.20
2.35
V
VBAT_SHORT_FALL
VBAT short falling threshold
Precharge to battery short
1.85
2.00
2.15
V
IBAT_SHORT
Battery short current
VBAT < VBAT_SHORT_FALL, VBUS = 5V
24
30
36
mA
VBAT_LOWV_RISE
Rising threshold
Precharge to fast charge
2.90
3.00
3.10
V
VBAT_LOWV_FALL
Falling threshold
Fast charge to precharge
2.60
2.70
2.80
V
VRECHG_HYS
Recharge hysteresis below VBATREG VBAT falling
110
160
216
mV
INPUT VOLTAGE / CURRENT REGULATION
VINDPM_MIN
Minimum input voltage regulation
VBAT = 3.5V, measured at PMID pin
4.0
4.07
4.2
V
VINDPM
Input voltage regulation
VBAT = 4V, measured at PMID pin, VINDPM =
1.044*VBAT + 0.125V
4.15
4.28
4.41
V
IINDPM_2A_5V
Input current regulation
VVBUS = 5V
2.1
2.25
2.4
A
BATTERY OVER-VOLTAGE PROTECTION
VBAT_OVP_RISE
Battery overvoltage rising threshold
VBAT rising, as percentage of VBATREG
101.9
103.5
105
%
BQ25302
SLUSCZ3 – OCTOBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com