Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 3Page - Texas Instruments BQ25302 Datasheet HTML 4Page - Texas Instruments BQ25302 Datasheet HTML 5Page - Texas Instruments BQ25302 Datasheet HTML 6Page - Texas Instruments BQ25302 Datasheet HTML 7Page - Texas Instruments BQ25302 Datasheet HTML 8Page - Texas Instruments BQ25302 Datasheet HTML 9Page - Texas Instruments BQ25302 Datasheet HTML 10Page - Texas Instruments BQ25302 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
7.3 Recommended Operating Conditions (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
CPMID
Effective PMID capacitance
5
10
µF
CBAT
Effective BAT capacitance
5
10
µF
7.4 Thermal Information
THERMAL METRIC
DEVICE
UNIT
RθJA
Junction-to-ambient thermal resistance (JEDEC(1))
45.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
48.5
°C/W
RθJB
Junction-to-board thermal resistance
19.0
°C/W
ΨJT
Junction-to-top characterization parameter
1.3
°C/W
ΨJB
Junction-to-board characterization parameter
19.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.9
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
VVBUS_UVLOZ < VVBUS < VVBUS_OVP and VVBUS > VBAT + VSLEEP, TJ = -40°C to +125°C, and TJ = 25°C for typical values
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
QUIESCENT CURRENT
IVBUS_REVS
VBUS reverse current from BAT/SW
to VBUS, TJ = -40°C - 85°C
VBAT = VSW = 4.5V, VBUS is shorted to GND,
measure VBUS reverse current
0.07
3
µA
IQ_VBUS_DIS
VBUS leakage current in disable
mode, TJ = -40°C - 85°C
VBUS = 5V, VBAT = 4V, charger is
disabled, /EN is pulled high
4.1
µA
IQ_BAT_DIS
Leakage current from battery in
disable mode, TJ = -40°C - 65°C
VBUS = 5V, VBAT = 4V, charger is disabled,
POL is grounded /EN is floating
1.0
µA
IQ_BAT_HIZ
BAT and SW pin leakage current in
HiZ mode, TJ = -40°C - 65°C
VBAT = VSW = 4.5V, VBUS floating
0.17
1.0
µA
VBUS POWER UP
VVBUS_OP
VBUS operating range
4.1
6.2
V
VVBUS_UVLOZ
VBUS power on reset
VBUS rising
3.0
3.80
V
VVBUS_UVLOZ_HYS
VBUS power on reset hysteresis
VBUS falling
250
mV
VVBUS_LOWV
A condition to turnon REGN
VBUS rising, REGN turns on, VBAT = 3.2V
3.8
3.90
4.00
V
VVBUS_LOWV_HYS
A condition to turnon REGN,
hysteresis
VBUS falling, REGN turns off, VBAT = 3.2V
300
mV
VSLEEP
Enter sleep mode threshold
VBUS falling, VBUS - VBAT, VVBUS_LOWV < V
BAT < VBATREG
30
60
100
mV
VSLEEPZ
Exit sleep mode threshold
VBUS rising, VBUS - VBAT, VVBUS_LOWV < V
BAT < VBATREG
110
157
250
mV
VVBUS_OVP_RISE
VBUS overvoltage rising threshold
VBUS rising, converter stops switching
6.20
6.40
6.60
V
VVBUS_OVP_HYS
VBUS overvoltage falling hysteresis
VBUS falling, converter stops switching
500
mV
MOSFETS
RDSON_Q1
Top reverse blocking MOSFET on-
resistance between VBUS and
PMID (Q1)
VREGN = 5V
40
65
mΩ
www.ti.com
BQ25302
SLUSCZ3 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com