Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 22 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 18Page - Texas Instruments BQ25302 Datasheet HTML 19Page - Texas Instruments BQ25302 Datasheet HTML 20Page - Texas Instruments BQ25302 Datasheet HTML 21Page - Texas Instruments BQ25302 Datasheet HTML 22Page - Texas Instruments BQ25302 Datasheet HTML 23Page - Texas Instruments BQ25302 Datasheet HTML 24Page - Texas Instruments BQ25302 Datasheet HTML 25Page - Texas Instruments BQ25302 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
ISAT ≥ ICHG + (1/2) IRIPPLE
(3)
The inductor ripple current depends on the input voltage (VVBUS), the duty cycle (D = VBAT/VVBUS), the switching
frequency (fS) and the inductance (L).
IN
RIPPLE
V
D (1 D)
I
fs L
´
´
-
=
´
(4)
The maximum inductor ripple current occurs when the duty cycle (D) is 0.5 or approximately 0.5. Usually
inductor ripple is designed in the range between 20% and 40% maximum charging current as a trade-off
between inductor size and efficiency for a practical design.
9.2.1.2.4 Input Capacitor
Design input capacitance to provide enough ripple current rating to absorb the input switching ripple current.
Worst case RMS ripple current is half of the charging current when the duty cycle is 0.5. If the converter does not
operate at 50% duty cycle, then the worst case capacitor RMS current ICin occurs where the duty cycle is closest
to 50% and can be estimated using Equation 5.
CIN
CHG
I
I
D (1 D)
=
´
´
-
(5)
A low ESR ceramic capacitor such as X7R or X5R is preferred for the input decoupling capacitor and should be
placed as close as possible to the drain of the high-side MOSFET and source of the low-side MOSFET. The
voltage rating of the capacitor must be higher than the normal input voltage level. A rating of 16-V or higher
capacitor is preferred for 5-V input voltage.
9.2.1.2.5 Output Capacitor
Ensure that the output capacitance has enough ripple current rating to absorb the output switching ripple current.
The equation below shows the output capacitor RMS current ICOUT calculation.
RIPPLE
COUT
RIPPLE
I
I
0.29
I
2
3
=
»
´
´
(6)
The output capacitor voltage ripple can be calculated as follows:
OUT
OUT
O
2
IN
V
V
V
1
V
8LCfs
æ
ö
D
=
-
ç
÷
è
ø
(7)
At certain input and output voltage and switching frequency, the voltage ripple can be reduced by increasing the
output filter LC.
BQ25302
SLUSCZ3 – OCTOBER 2020
www.ti.com
22
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com