Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 3 Page - Texas Instruments

  BQ25302 Datasheet HTML 1Page - Texas Instruments BQ25302 Datasheet HTML 2Page - Texas Instruments BQ25302 Datasheet HTML 3Page - Texas Instruments BQ25302 Datasheet HTML 4Page - Texas Instruments BQ25302 Datasheet HTML 5Page - Texas Instruments BQ25302 Datasheet HTML 6Page - Texas Instruments BQ25302 Datasheet HTML 7Page - Texas Instruments BQ25302 Datasheet HTML 8Page - Texas Instruments BQ25302 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
5 Description (continued)
The BQ25302 supports 4.1-V to 6.2-V input to charge single cell batteries. The BQ25302 provides up to 2-A
continuous fast charge current to a single cell battery. The device features fast charging for portable devices. Its
input voltage regulation delivers maximum charging power to the battery from input source. The solution is highly
integrated with an input reverse-blocking FET (RBFET, Q1), high-side switching FET (HSFET, Q2), and low-side
switching FET (LSFET, Q3).
The BQ25302 features lossless integrated current sensing to reduce power loss and BOM cost with minimized
component count. It also integrates a bootstrap diode for the high-side gate drive and battery temperature
monitor to simplify system design. The device initiates and completes a charging cycle without host control. The
BQ25302 charge voltage and charge current are set by external resistors. The BQ25302 detects the charge
voltage setting at startup and charges the battery in four phases: battery short, pre-conditioning, constant
current, and constant voltage. At the end of the charging cycle, the charger automatically terminates if the
charge current is below the termination current threshold and the battery voltage is above the recharge
threshold. When the battery voltage falls below the recharge threshold, the charger will automatically start
another charging cycle. The charger provides various safety features for battery charging and system
operations, including battery temperature monitoring based on negative temperature coefficient (NTC)
thermistor, charge safety timer, input over-voltage and over-current protections, as well as battery over-voltage
protection. Pin open and short protection is also built in to protect against the charge current setting pin ICHG
accidently open or short to GND. The thermal regulation regulates charge current to limit die temperature during
high power operation or high ambient temperature conditions.
The STAT pin output reports charging status and fault conditions. When the input voltage is removed, the device
automatically enters HiZ mode with very low leakage current from battery to the charger device. The BQ25302 is
available in a 3 mm x 3 mm thin WQFN package.
www.ti.com
BQ25302
SLUSCZ3 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com