Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 2Page - Texas Instruments BQ25302 Datasheet HTML 3Page - Texas Instruments BQ25302 Datasheet HTML 4Page - Texas Instruments BQ25302 Datasheet HTML 5Page - Texas Instruments BQ25302 Datasheet HTML 6Page - Texas Instruments BQ25302 Datasheet HTML 7Page - Texas Instruments BQ25302 Datasheet HTML 8Page - Texas Instruments BQ25302 Datasheet HTML 9Page - Texas Instruments BQ25302 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)(1)
PARAMETER
MIN
MAX
UNIT
Voltage Range (with respect to GND)
VBUS (converter not switching)
–2
28
V
PMID(converter not switching)
–0.3V
28
V
SW
–2V(3)
20
V
BTST
–0.3V
25.5
V
STAT
–0.3V
5.5
V
BAT
–0.3V
11
V
BTST to SW
–0.3V
5.5
V
ICHG
–0.3V
5.5
V
REGN
–0.3V
5.5
V
POL
–0.3V
5.5
V
/EN
–0.3V
5.5
V
TS
–0.3V
5.5
V
Voltage Range (with respect to GND)
VSET
–0.3V
11(2)
V
Output Sink Current
STAT
6
mA
REGN
20
mA
Junction temperature
TJ
–40C
150
ºC
Storage temperature
Tstg
–65C
150
ºC
(1)
Stresses beyond those listed under Absolute Maximum Rating may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under
Recommended Operating Condition. Exposure to absolute-maximum-rated conditions for extended periods may affect device
reliability.
(2)
The absolute maximum rating is specified at 11V DC voltage and up to 13V for a maximum 100us
(3)
-3V for 10ns transient
7.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/
JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC
specification JESD22-C101, all pins(2)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
VVBUS
Input voltage
4.1
6.2
V
VBAT
Battery voltage
4.4
V
IVBUS
Input current
2
A
ISW
Output current (SW)
2
A
TA
Ambient temperature
–40
85
°C
L
Effective inductance
0.7
1
µH
CVBUS
Effective VBUS capacitance
1.1
2.2
µF
BQ25302
SLUSCZ3 – OCTOBER 2020
www.ti.com
6
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com