Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 27 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 23Page - Texas Instruments BQ25302 Datasheet HTML 24Page - Texas Instruments BQ25302 Datasheet HTML 25Page - Texas Instruments BQ25302 Datasheet HTML 26Page - Texas Instruments BQ25302 Datasheet HTML 27Page - Texas Instruments BQ25302 Datasheet HTML 28Page - Texas Instruments BQ25302 Datasheet HTML 29Page - Texas Instruments BQ25302 Datasheet HTML 30Page - Texas Instruments BQ25302 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
10 Power Supply Recommendations
In order to provide an output voltage on the BAT pin, the device requires a power supply between 4.1 V and 6.2
V Li-Ion battery with positive terminal connected to BAT. The source current rating needs to be at least 2 A in
order for the buck converter to provide maximum output power to BAT or the system connected to BAT pin.
www.ti.com
BQ25302
SLUSCZ3 – OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com