Electronic Components Datasheet Search
  English  ▼

X  

BQ25302 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # BQ25302
Description  BQ25302 Standalone 1-Cell 2.0-A Buck Battery Charger
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25302 Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ25302 Datasheet HTML 12Page - Texas Instruments BQ25302 Datasheet HTML 13Page - Texas Instruments BQ25302 Datasheet HTML 14Page - Texas Instruments BQ25302 Datasheet HTML 15Page - Texas Instruments BQ25302 Datasheet HTML 16Page - Texas Instruments BQ25302 Datasheet HTML 17Page - Texas Instruments BQ25302 Datasheet HTML 18Page - Texas Instruments BQ25302 Datasheet HTML 19Page - Texas Instruments BQ25302 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
8.3.2.5 Charging Safety Timer
The device has built-in safety timer to prevent extended charging cycle due to abnormal battery conditions. The
safety timer is 20 hours when the battery voltage is above VBAT_LOWV threshold and 2 hours below VBAT_LOWV
threshold. When the safety timer expires, charge is suspended until the safety timer is reset. Safety timer is reset
and charge starts under one of the following conditions:
• Battery voltage falls below recharge threshold
• VBUS voltage is recycled
• EN pin is toggled
• Battery voltage transits across VBAT_SHORT threshold
• Battery voltage transits across VBAT_LOWV threshold
If the safety timer expires and the battery voltage is above recharge threshold, the charger is suspended and the
STAT pin is open. If the safety timer expires and the battery voltage is below the recharge threshold, the charger
is suspended and the STAT pin blinks to indicate a fault. The safety timer fault is cleared with safety timer reset.
During input current regulation, thermal regulation, the safety timer counts at half the original clock frequency
and the safety timer is doubled. During TS fault, VBUS_OVP, VBAT_OVP, ICHG pin open and short, and IC thermal
shutdown faults, the safety timer is suspended. Once the fault(s) is clear, the safety timer resumes to count.
8.3.2.6 Thermistor Temperature Monitoring
The charger device provides a single thermistor input TS pin for battery temperature monitor. RT1 and RT2
programs the cold temperature T1 and hot temperature T3. In the equations, R NTC,T1 is NTC thermistor
resistance value at temperature T1 and R NTC,T3 is NTC thermistor resistance values at temperature T3.
Assuming RHOT = 0, select 0°C to 45°C for battery charge temperature range, then NTC thermistor 103AT-2
resistance RNTC,T1 = 27.28 kΩ ( at 0°C) and RNTC,T3 = 4.91 kΩ (at 45°C), from the Equation 1 and Equation 2,
RT1 and RT2 are derived as:
• RT1 = 4.527 kΩ
• RT2 = 23.26 kΩ
On top of the calculation results, adding RHOT resisitor can shift HOT temperature T3 up and only slightly shift
up COLD temperature T1. The actual temperature T3 can be looked up in a NTC resistance table based on (R
NTC,T3 - RHOT) and T1 can be looked up in a NTC resistance table based on (R NTC,T1 - RHOT). Because R
NTC,T1 is much higher than R NTC,T3, RHOT can adjust HOT temperature significantly with mimimal affect on
COLD temperature. RHOT is optional.
RT1
REGN
TS
RT2
RHOT
RTH
103AT
Figure 8-2. Battery Temperature Sensing Circuit
BQ25302
SLUSCZ3 – OCTOBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: BQ25302



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com