Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 56 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 56 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 52Page - Intel Corporation DX58SO2 Datasheet HTML 53Page - Intel Corporation DX58SO2 Datasheet HTML 54Page - Intel Corporation DX58SO2 Datasheet HTML 55Page - Intel Corporation DX58SO2 Datasheet HTML 56Page - Intel Corporation DX58SO2 Datasheet HTML 57Page - Intel Corporation DX58SO2 Datasheet HTML 58Page - Intel Corporation DX58SO2 Datasheet HTML 59Page - Intel Corporation DX58SO2 Datasheet HTML 60Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
Intel Desktop Board DX58SO2 Technical Product Specification
56
2.5
Electrical Considerations
2.5.1
Power Supply Considerations
CAUTION
The +5 V standby line from the power supply must be capable of providing adequate
+5 V standby current. Failure to do so can damage the power supply. The total
amount of standby current required depends on the wake devices supported and
manufacturing options.
Additional power required will depend on configurations chosen by the integrator.
The power supply must comply with the indicated parameters of the ATX form factor
specification.
•
The potential relation between 3.3 VDC and +5 VDC power rails
•
The current capability of the +5 VSB line
•
All timing parameters
•
All voltage tolerances
For example, for a system consisting of a supported 130 W processor (see section 1.4
on page 14 for a list of supported processors), 1 GB DDR3 RAM, one high end video
card, one hard disk drive, one optical drive, and all board peripherals enabled, the
minimum recommended power supply is 460 W. Table 25 lists the recommended
power supply current values.
Table 25. Recommended Power Supply Current Values
Output Voltage
3.3 V
5 V
12 V1
12 V2
-12 V
5 VSB
Current
22 A
20 A
16 A
16 A
0.3 A
1.5 A
For information about
Refer to
Selecting an appropriate power supply
http://support.intel.com/support/motherboards/desktop/sb
/CS-026472.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com