Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 22 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 22 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 18Page - Intel Corporation DX58SO2 Datasheet HTML 19Page - Intel Corporation DX58SO2 Datasheet HTML 20Page - Intel Corporation DX58SO2 Datasheet HTML 21Page - Intel Corporation DX58SO2 Datasheet HTML 22Page - Intel Corporation DX58SO2 Datasheet HTML 23Page - Intel Corporation DX58SO2 Datasheet HTML 24Page - Intel Corporation DX58SO2 Datasheet HTML 25Page - Intel Corporation DX58SO2 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
Intel Desktop Board DX58SO2 Technical Product Specification
22
1.10 Audio Subsystem
The board supports Intel HD Audio via the Realtek ALC892 audio codec. The audio
subsystem supports the following features:
•
Advanced jack sense for the back panel audio jacks that enables the audio codec to
recognize the device that is connected to an audio port. The back panel audio
jacks are capable of retasking according to the user’s definition, or can be
automatically switched depending on the recognized device type.
•
A signal-to-noise (S/N) ratio of 97 dB
•
Microphone input that supports a single dynamic, condenser, or electret
microphone
•
Windows Vista Ultimate and Windows 7 Ultimate certification
Table 4 lists the supported functions of the front panel and back panel audio jacks.
Table 4. Audio Jack Support
Audio Jack
Micro-
phone
Head-
phones
Front
Speaker
Line In
Rear
Surround
Center/
Sub
Side
Surround
FP Green
Default
FP Pink
Default
Rear Blue
Default
Rear Green
Ctrl panel
Default
Rear Pink
Default
Rear Black
Default
Rear Orange
Default
1.10.1
Audio Subsystem Software
Audio software and drivers are available from Intel’s World Wide Web site.
For information about
Refer to
Obtaining audio software and drivers
Section 1.3, page 14
1.10.2
Audio Connectors and Headers
The board contains audio connectors and headers on both the back panel and the
component side of the board. The component-side audio headers include the
following:
•
Front panel audio (a 2 x 5-pin header that provides mic in and line out signals for
front panel audio connectors)
•
S/PDIF audio connector (1 x 3-pin connector) can be used for HDMI Video cards
that do not work with the HD Audio header
•
S/PDIF output between the back panel Optical connector and the internal S/PDIF
header can be selected in BIOS setup
•
5-port analog audio input/output stack on the back panel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com