Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 24 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 24 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 20Page - Intel Corporation DX58SO2 Datasheet HTML 21Page - Intel Corporation DX58SO2 Datasheet HTML 22Page - Intel Corporation DX58SO2 Datasheet HTML 23Page - Intel Corporation DX58SO2 Datasheet HTML 24Page - Intel Corporation DX58SO2 Datasheet HTML 25Page - Intel Corporation DX58SO2 Datasheet HTML 26Page - Intel Corporation DX58SO2 Datasheet HTML 27Page - Intel Corporation DX58SO2 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
Intel Desktop Board DX58SO2 Technical Product Specification
24
1.11 LAN Subsystem
The Intel GbE Dual LAN subsystem consists of the following:
•
Intel 82567L and Intel 82574L Gigabit Ethernet Controllers
(10/100/1000 Mbits/sec)
•
Intel 82801IJR (ICH10R)
•
RJ-45 LAN connector with integrated status LEDs
Additional features of the LAN subsystem include:
•
CSMA/CD protocol engine
•
LAN connect interface between ICH10R and the LAN controller
•
Conventional PCI bus power management
⎯ ACPI technology support
⎯ LAN wake capabilities
•
LAN subsystem software
For information about
Refer to
LAN software and drivers
http://downloadcenter.intel.com
1.11.1
Intel® 82567L and Intel® 82574L Gigabit Ethernet
Controllers
The Intel 82567L and Intel® 82574L Gigabit Ethernet Controllers support the following
features:
•
PCI Express link
•
10/100/1000 IEEE 802.3 compliant
•
Compliant to IEEE 802.3x flow control support
•
802.1p and 802.1q
•
TCP, IP, and UDP checksum offload (for IPv4 and IPv6)
•
Transmit TCP segmentation
•
Full device driver compatibility
•
PCI Express power management support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com