Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 34 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 34 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 30Page - Intel Corporation DX58SO2 Datasheet HTML 31Page - Intel Corporation DX58SO2 Datasheet HTML 32Page - Intel Corporation DX58SO2 Datasheet HTML 33Page - Intel Corporation DX58SO2 Datasheet HTML 34Page - Intel Corporation DX58SO2 Datasheet HTML 35Page - Intel Corporation DX58SO2 Datasheet HTML 36Page - Intel Corporation DX58SO2 Datasheet HTML 37Page - Intel Corporation DX58SO2 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
Intel Desktop Board DX58SO2 Technical Product Specification
34
1.13.2.4
Instantly Available PC Technology
CAUTION
For Instantly Available PC technology, the +5 V standby line for the power supply
must be capable of providing adequate +5 V standby current. Failure to provide
adequate standby current when implementing Instantly Available PC technology can
damage the power supply.
Instantly Available PC technology enables the board to enter the ACPI S3 (Suspend-to-
RAM) sleep-state. While in the S3 sleep-state, the computer will appear to be off (the
power supply is off, and the front panel LED is amber if dual colored, or off if single
colored.) When signaled by a wake-up device or event, the system quickly returns to
its last known wake state. Table 8 on page 31 lists the devices and events that can
wake the computer from the S3 state.
The board supports the PCI Bus Power Management Interface Specification. Add-in
boards that also support this specification can participate in power management and
can be used to wake the computer.
The use of Instantly Available PC technology requires operating system support and
PCI 2.2 compliant add-in cards, PCI Express add-in cards, and drivers.
1.13.2.5
Wake from USB
USB bus activity wakes the computer from ACPI S1 or S3 states.
NOTE
Wake from USB requires the use of a USB peripheral that supports Wake from USB.
1.13.2.6
PME# Signal Wake-up Support
When the PME# signal on the Conventional PCI bus is asserted, the computer wakes
from an ACPI S1, S3, S4, or S5 state (with Wake on PME enabled in the BIOS).
1.13.2.7
WAKE# Signal Wake-up Support
When the WAKE# signal on the PCI Express bus is asserted, the computer wakes from
an ACPI S1, S3, S4, or S5 state.
1.13.2.8
Wake from Consumer IR
CIR activity wakes the computer from an ACPI S3, S4, or S5 state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com