Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 16 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 16 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 12Page - Intel Corporation DX58SO2 Datasheet HTML 13Page - Intel Corporation DX58SO2 Datasheet HTML 14Page - Intel Corporation DX58SO2 Datasheet HTML 15Page - Intel Corporation DX58SO2 Datasheet HTML 16Page - Intel Corporation DX58SO2 Datasheet HTML 17Page - Intel Corporation DX58SO2 Datasheet HTML 18Page - Intel Corporation DX58SO2 Datasheet HTML 19Page - Intel Corporation DX58SO2 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 91 page
background image
Intel Desktop Board DX58SO2 Technical Product Specification
16
Table 3 lists the supported DIMM configurations.
Table 3. Supported Memory Configurations
DIMM
Capacity
Configuration (Note)
SDRAM
Density
SDRAM Organization
Front-side/Back-side
Number of SDRAM
Devices
512 MB
SS
1 Gbit
64 M x16/empty
4
1024 MB
SS
1 Gbit
128 M x8/empty
8
1024 MB
SS
2 Gbit
128 M x16/empty
4
2048 MB
DS
1 Gbit
128 M x8/128 M x8
16
2048 MB
SS
2 Gbit
128 M x16/empty
8
4096 MB
DS
2 Gbit
256 M x8/256 M x8
16
8192 MB
DS
4 Gbit
512 M x8/512 M x8
16
Note: “DS” refers to double-sided memory modules (containing two rows of SDRAM) and “SS” refers to
single-sided memory modules (containing one row of SDRAM).
For information about…
Refer to:
Tested Memory
http://www.intel.com/support/motherboards/desktop/sb/CS-
025414.htm
XMP Tested Memory
http://www.intel.com/personal/gaming/extremememory.htm
1.5.1
Memory Configurations
The Intel Core i7 and Intel Xeon Processors support the following types of memory
organization:
•
Tri/Dual channel (Interleaved) mode. This mode offers the highest
throughput for real world applications. Interleaving reduces overall memory
latency by accessing the DIMM memory sequentially. Data is spread amongst the
memory modules in an alternating pattern.
⎯ Three independent memory channels give two possible modes of interleaving:
• Tri-channel mode is enabled when identical matched memory modules are
installed in each of the three memory channels (blue connectors).
• Dual channel mode is enabled when two of the blue memory connectors are
populated with matched DIMMs.
•
Single channel (Asymmetric) mode. This mode is equivalent to single channel
bandwidth operation for real world applications. This mode is used when only a
single DIMM is installed or the installed memory modules are not matched.
Technology and device width can vary from one channel to the other.
For information about…
Refer to:
Memory Configuration Examples
http://www.intel.com/support/motherboards/desktop/sb/cs-
011965.htm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com