Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 25 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 25 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 21Page - Intel Corporation DX58SO2 Datasheet HTML 22Page - Intel Corporation DX58SO2 Datasheet HTML 23Page - Intel Corporation DX58SO2 Datasheet HTML 24Page - Intel Corporation DX58SO2 Datasheet HTML 25Page - Intel Corporation DX58SO2 Datasheet HTML 26Page - Intel Corporation DX58SO2 Datasheet HTML 27Page - Intel Corporation DX58SO2 Datasheet HTML 28Page - Intel Corporation DX58SO2 Datasheet HTML 29Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 91 page
background image
Product Description
25
1.11.2
LAN Subsystem Software
LAN software and drivers are available from Intel’s World Wide Web site.
For information about
Refer to
Obtaining LAN software and drivers
http://downloadcenter.intel.com
1.11.3
RJ-45 LAN Connector with Integrated LEDs
Two LEDs are built into the RJ-45 LAN connector (shown in Figure 5).
Item
Description
A
Link LED (Green)
B
Data Rate LED (Green/Yellow)
C
Link LED (Green)
D
Data Rate LED (Green/Yellow)
Figure 5. LAN Connector LED Locations
Table 5 describes the LED states when the board is powered up and the LAN
subsystem is operating.
Table 5. LAN Connector LED States
LED
LED Color
LED State
Condition
Off
LAN link is not established.
On
LAN link is established.
Link
Green
Blinking
LAN activity is occurring
Off
10 Mbits/sec data rate is selected.
Green
100 Mbits/sec data rate is selected.
Data Rate
Green/Yellow
Yellow
1000 Mbits/sec data rate is selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com