Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 10 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 10 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 6Page - Intel Corporation DX58SO2 Datasheet HTML 7Page - Intel Corporation DX58SO2 Datasheet HTML 8Page - Intel Corporation DX58SO2 Datasheet HTML 9Page - Intel Corporation DX58SO2 Datasheet HTML 10Page - Intel Corporation DX58SO2 Datasheet HTML 11Page - Intel Corporation DX58SO2 Datasheet HTML 12Page - Intel Corporation DX58SO2 Datasheet HTML 13Page - Intel Corporation DX58SO2 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
Intel Desktop Board DX58SO2 Technical Product Specification
10
Table 1. Feature Summary (continued)
LAN Support
Gigabit (10/100/1000 Mbits/sec) Dual LAN subsystem using the Intel 82567L and
Intel 82574L Gigabit Ethernet Controllers
Expansion
Capabilities
• One Conventional PCI* bus add-in card connector (SMBus routed to the
Conventional PCI bus add-in card connector)
• Three PCI Express 2.0 x16 bus add-in card connectors
• Two PCI Express 1.1 x1 bus add-in card connectors
Hardware Monitor
Subsystem
• Hardware monitoring and fan control ASIC Heceta 6P
• Voltage sense to detect out of range power supply voltages
• Thermal sense to detect out of range thermal values
• Four fan headers using PWM control
• Three fan sense inputs used to monitor fan activity
• Fan speed control using voltage control (4-pin fan headers front and rear)
• Support for Product Environmental Control Interface (PECI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com