Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 71 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 71 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 67Page - Intel Corporation DX58SO2 Datasheet HTML 68Page - Intel Corporation DX58SO2 Datasheet HTML 69Page - Intel Corporation DX58SO2 Datasheet HTML 70Page - Intel Corporation DX58SO2 Datasheet HTML 71Page - Intel Corporation DX58SO2 Datasheet HTML 72Page - Intel Corporation DX58SO2 Datasheet HTML 73Page - Intel Corporation DX58SO2 Datasheet HTML 74Page - Intel Corporation DX58SO2 Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
71
4
Error Messages and Beep Codes
4.1
Speaker
The board-mounted speaker provides audible error code (beep code) information
during POST.
For information about
Refer to
The location of the onboard speaker
Figure 1, page 11
4.2
BIOS Beep Codes
Whenever a recoverable error occurs during POST, the BIOS causes the board’s
speaker to beep an error message describing the problem (see Table 34).
Table 34. BIOS Beep Codes
Type
Pattern
Frequency
F2 Setup/F10 Boot Menu
Prompt
One 0.5 second beep when BIOS is ready to
accept keyboard input
932 Hz
BIOS update in progress None
Video error
On-off (1.0 second each) two times, then
2.5-second pause (off), entire pattern repeats
(beeps and pause) once and the BIOS will
continue to boot.
932 Hz
When no VGA option ROM is
found.
Memory error
On-off (1.0 second each) three times, then
2.5-second pause (off), entire pattern repeats
(beeps and pause) until the system is powered
off.
932 Hz
Thermal trip warning
Alternate high and low beeps (1.0 second each)
for eight beeps, followed by system shut down.
High beep 2000 Hz
Low beep 1500 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com