Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 26 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 26 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 22Page - Intel Corporation DX58SO2 Datasheet HTML 23Page - Intel Corporation DX58SO2 Datasheet HTML 24Page - Intel Corporation DX58SO2 Datasheet HTML 25Page - Intel Corporation DX58SO2 Datasheet HTML 26Page - Intel Corporation DX58SO2 Datasheet HTML 27Page - Intel Corporation DX58SO2 Datasheet HTML 28Page - Intel Corporation DX58SO2 Datasheet HTML 29Page - Intel Corporation DX58SO2 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 91 page
background image
Intel Desktop Board DX58SO2 Technical Product Specification
26
1.12 Hardware Management Subsystem
The hardware management features enable the board to be compatible with the Wired
for Management (WfM) specification. The board has several hardware management
features, including the following:
•
Fan monitoring and control
•
Thermal and voltage monitoring
•
Chassis intrusion detection
1.12.1
Hardware Monitoring and Fan Control
The features of the hardware monitoring and fan control include:
•
Fan speed control controllers and sensors provided by the Hardware Monitoring
and Fan Control ASIC
•
Thermal sensors in the processor, 82X58 IOH, and 82801IJR ICH10R
•
Power supply monitoring of five voltages (+12 V, +5 V, +3.3 V, V_SM and +VCCP)
to detect levels above or below acceptable values
•
Thermally monitored closed-loop fan control, for all three fans, that can adjust the
fan speed or switch the fans on or off as needed
1.12.2
Fan Monitoring
Fan monitoring can be implemented using Intel® Desktop Control Center or third-party
software.
For information about
Refer to
The functions of the fan headers
Section 1.13.2.2, page 33
1.12.3
Chassis Intrusion and Detection
The board supports a chassis security feature that detects if the chassis cover is
removed. The security feature uses a mechanical switch on the chassis that attaches
to the chassis intrusion header. When the chassis cover is removed, the mechanical
switch is in the closed position.
For information about
Refer to
The location of the chassis intrusion header
Figure 11, page 43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com