Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 48 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 48 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 44Page - Intel Corporation DX58SO2 Datasheet HTML 45Page - Intel Corporation DX58SO2 Datasheet HTML 46Page - Intel Corporation DX58SO2 Datasheet HTML 47Page - Intel Corporation DX58SO2 Datasheet HTML 48Page - Intel Corporation DX58SO2 Datasheet HTML 49Page - Intel Corporation DX58SO2 Datasheet HTML 50Page - Intel Corporation DX58SO2 Datasheet HTML 51Page - Intel Corporation DX58SO2 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
Intel Desktop Board DX58SO2 Technical Product Specification
48
2.2.2.4
Power Supply Connectors
The board has the following power supply connectors:
•
Main power – a 2 x 12 connector. This connector is compatible with 2 x 10
connectors previously used on Intel Desktop boards. The board supports the use
of ATX12V power supplies with either 2 x 10 or 2 x 12 main power cables. When
using a power supply with a 2 x 10 main power cable, attach that cable on the
rightmost pins of the main power connector, leaving pins 11, 12, 23, and
24 unconnected.
•
Processor core power – a 2 x 4 connector. This connector provides power
directly to the processor voltage regulator and must always be used. Failure to do
so will prevent the board from booting.
Table 18. Processor Core Power Connector
Pin
Signal Name
Pin
Signal Name
1
Ground
2
+12 V
3
Ground
4
+12 V
5
Ground
6
+12 V
7
Ground
8
+12 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com