Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 41 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 41 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 37Page - Intel Corporation DX58SO2 Datasheet HTML 38Page - Intel Corporation DX58SO2 Datasheet HTML 39Page - Intel Corporation DX58SO2 Datasheet HTML 40Page - Intel Corporation DX58SO2 Datasheet HTML 41Page - Intel Corporation DX58SO2 Datasheet HTML 42Page - Intel Corporation DX58SO2 Datasheet HTML 43Page - Intel Corporation DX58SO2 Datasheet HTML 44Page - Intel Corporation DX58SO2 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
Technical Reference
41
2.1.2
Memory Map
Table 9 lists the system memory map.
Table 9. System Memory Map
Address Range (decimal) Address Range (hex)
Size
Description
1024 K - 16777216 K
100000 - 600000000
16382 MB
Extended memory
960 K - 1024 K
F0000 - FFFFF
64 KB
Runtime BIOS
896 K - 960 K
E0000 - EFFFF
64 KB
Reserved
800 K - 896 K
C8000 - DFFFF
96 KB
Potential available high DOS
memory (open to the Conventional
PCI bus). Dependent on video
adapter used.
640 K - 800 K
A0000 - C7FFF
160 KB
Video memory and BIOS
639 K - 640 K
9FC00 - 9FFFF
1 KB
Extended BIOS data (movable by
memory manager software)
512 K - 639 K
80000 - 9FBFF
127 KB
Extended conventional memory
0 K - 512 K
00000 - 7FFFF
512 KB
Conventional memory
2.2
Connectors and Headers
CAUTION
Only the following connectors and headers have overcurrent protection: back panel
and front panel USB, as well as IEEE 1394a.
The other internal connectors and headers are not overcurrent protected and should
connect only to devices inside the computer’s chassis, such as fans and internal
peripherals. Do not use these connectors or headers to power devices external to the
computer’s chassis. A fault in the load presented by the external devices could cause
damage to the computer, the power cable, and the external devices themselves.
Furthermore, improper connection of USB or 1394 header single wire connectors may
eventually overload the overcurrent protection and cause damage to the board.
This section describes the board’s connectors. The connectors can be divided into
these groups:
•
Back panel I/O connectors
•
Component-side I/O connectors and headers (see page 43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com