Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 45 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 45 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 41Page - Intel Corporation DX58SO2 Datasheet HTML 42Page - Intel Corporation DX58SO2 Datasheet HTML 43Page - Intel Corporation DX58SO2 Datasheet HTML 44Page - Intel Corporation DX58SO2 Datasheet HTML 45Page - Intel Corporation DX58SO2 Datasheet HTML 46Page - Intel Corporation DX58SO2 Datasheet HTML 47Page - Intel Corporation DX58SO2 Datasheet HTML 48Page - Intel Corporation DX58SO2 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
Technical Reference
45
2.2.2.1
Signal Tables for the Connectors and Headers
Table 11. Front Panel Audio Header
Pin
Signal Name
Pin
Signal Name
1
[Port 2] Left channel
2
Ground
3
[Port 2] Right channel
4
PRESENCE# (Dongle present)
5
[Port 1] Right channel
6
[Port 1] SENSE_RETURN
7
SENSE_SEND (Jack detection)
8
Key (no pin)
9
[Port 2] Left channel
10
[Port 2] SENSE_RETURN
Table 12. Serial ATA Connectors
Pin
Signal Name
1
Ground
2
TXP
3
TXN
4
Ground
5
RXN
6
RXP
7
Ground
Table 13. Front Panel IEEE 1394a Header
Pin
Signal Name
Pin
Signal Name
1
Data A (positive)
2
Data A (negative)
3
Ground
4
Ground
5
Data B (positive)
6
Data B (negative)
7
+12V_DC
8
+12 V_DC
9
Key (no pin)
10
Ground
Note: The +12 V DC power on the IEEE 1394a header is fused.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com