Electronic Components Datasheet Search
  English  ▼

X  

DX58SO2 Datasheet(PDF) 49 Page - Intel Corporation

Part # DX58SO2
Description  Intel짰 Desktop Board DX58SO2 Technical Product Specification
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DX58SO2 Datasheet(HTML) 49 Page - Intel Corporation

Back Button DX58SO2 Datasheet HTML 45Page - Intel Corporation DX58SO2 Datasheet HTML 46Page - Intel Corporation DX58SO2 Datasheet HTML 47Page - Intel Corporation DX58SO2 Datasheet HTML 48Page - Intel Corporation DX58SO2 Datasheet HTML 49Page - Intel Corporation DX58SO2 Datasheet HTML 50Page - Intel Corporation DX58SO2 Datasheet HTML 51Page - Intel Corporation DX58SO2 Datasheet HTML 52Page - Intel Corporation DX58SO2 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 91 page
background image
Technical Reference
49
Table 19. Main Power Connector
Pin
Signal Name
Pin
Signal Name
1
+3.3 V
13
+3.3 V
2
+3.3 V
14
-12 V
3
Ground
15
Ground
4
+5 V
16
PS-ON# (power supply remote on/off)
5
Ground
17
Ground
6
+5 V
18
Ground
7
Ground
19
Ground
8
PWRGD (Power Good)
20
No connect
9
+5 V (Standby)
21
+5 V
10
+12 V
22
+5 V
11
+12 V (Note)
23
+5 V (Note)
12
2 x 12 connector detect (Note)
24
Ground (Note)
Note: When using a 2 x 10 power supply cable, this pin will be unconnected.
Table 20. Auxiliary PCI Express Graphics Power Connector
Pin
Signal Name
1
+12 V
2
1 x 4 connector detect
3
Ground
4
+5 V
For information about
Refer to
Power supply considerations
Section 2.5.1 on page 56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com