Electronic Components Datasheet Search
  English  ▼

X  

TLC32040C Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 5 Page - Texas Instruments

  TLC32040C Datasheet HTML 1Page - Texas Instruments TLC32040C Datasheet HTML 2Page - Texas Instruments TLC32040C Datasheet HTML 3Page - Texas Instruments TLC32040C Datasheet HTML 4Page - Texas Instruments TLC32040C Datasheet HTML 5Page - Texas Instruments TLC32040C Datasheet HTML 6Page - Texas Instruments TLC32040C Datasheet HTML 7Page - Texas Instruments TLC32040C Datasheet HTML 8Page - Texas Instruments TLC32040C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
WORD/BYTE
13
I
WORD/BYTE, in conjunction with a bit in the control register, is used to establish one of four serial modes.
These four serial modes are described below.
AIC transmit and receive sections are operated asynchronously.
The following description applies when the AIC is configured to have asynchronous transmit and receive
sections. If the appropriate data bit in the control register is a 0 (see the AIC DX data word format section),
the transmit and receive sections are asynchronous.
L
Serial port directly interfaces with the serial port of the TMS32011 or TMS320C17 and
communicates in two 8-bit bytes. The operation sequence is as follows (see Serial Port Timing
diagrams).
1. FSX or FSR is brought low.
2. One 8-bit byte is transmitted or one 8-bit byte is received.
3. EODX or EODR is brought low.
4. FSX or FSR emits a positive frame-sync pulse that is four shift clock cycles wide.
5. One 8-bit byte is transmitted or one 8-bit byte is received.
6. EODX or EODR is brought high.
7. FSX or FSR is brought high.
H
Serial port directly interfaces with the serial port of the TMS32020, TMS320C25, or TMS320C30
and communicates in one 16-bit word. The operation sequence is as follows (see Serial Port
Timing diagrams):
1. FSX or FSR is brought low.
2. One 16-bit word is transmitted or one 16-bit word is received.
3. FSX or FSR is brought high.
4. EODX or EODR emits a low-going pulse.
AIC transmit and receive sections are operated synchronously.
If the appropriate data bit in the control register is a 1, the transmit and receive sections are configured to
be synchronous. In this case, the bandpass switched-capacitor filter and the A/D conversion timing are
derived from the TX counter A, TX counter B, and TA, TA’, and TB registers, rather than the RX counter A,
RX counter B, and RA, RA’, and RB registers. In this case, the AIC FSX and FSR timing are identical during
primary data communication; however, FSR is not asserted during secondary data communication since
there is no new A/D conversion result. The synchronous operation sequences are as follows (see Serial
Port Timing diagrams).
L
Serial port directly interfaces with the serial port of the TMS32011 or TMS320C17 and
communicates in two 8-bit bytes. The operation sequence is as follows (see Serial Port Timing
diagrams):
1. FSX and FSR are brought low.
2. One 8-bit byte is transmitted and one 8-bit byte is received.
3. EODX and EODR are brought low.
4. FSX and FSR emit positive frame-sync pulses that are four shift clock cycles wide
5. One 8-bit byte is transmitted and one 8-bit byte is received.
6. EODX and EODR are brought high.
7. FSX and FSR are brought high.
H
Serial port directly interfaces with the serial port of the TMS32020, TMS320C25, or TMS320C30
and communicates in one 16-bit word. The operation sequence is as follows (see Serial Port
Timing diagrams):
1. FSX and FSR are brought low.
2. One 16-bit word is transmitted and one 16-bit word is received.
3. FSX and FSR are brought high.
4. EODX or EODR emit low-going pulses.
Since the transmit and receive sections of the AIC are now synchronous, the AIC serial port with additional
NOR and AND gates will interface to two SN74299 serial-to-parallel shift registers. Interfacing the AIC to
the SN74299 shift register allows the AIC to interface to an external FIFO RAM and facilitates parallel data
bus communications between the AIC and the digital signal processor. The operation sequence is the same
as the above sequence (see Serial Port Timing diagrams).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com