| Electronic Components Datasheet Search |
|
TLC32040C Datasheet(PDF) 15 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC32040C Datasheet(HTML) 15 Page - Texas Instruments |
|
15 / 33 page ![]() TLC32040C, TLC32040I, TLC32041C, TLC32041I ANALOG INTERFACE CIRCUITS SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995 15 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 asynchronous operation — more than one receive frame sync occurring between two receive frame syncs When incrementally adjusting the conversion period via the A + A’ or A – A’ register options, a specific protocol is followed. For both transmit and receive conversion periods, the incremental conversion period adjustment is performed near the end of the conversion period. The command to use the incremental conversion period adjust options is sent to the AIC during a FSX frame sync. The ongoing transmit conversion period is then adjusted. However, three possibilities exist for the receive conversion period adjustment in the diagram as shown in the following figure. If the adjustment command is issued during transmit conversion period A, receive conversion period A is adjusted if there is sufficient time between t1 and t2. Or, if there is not sufficient time between t1 and t2, receive conversion period B is adjusted. Or, the receive portion of an adjustment command can be ignored if the adjustment command is sent during a receive conversion period, which is already being or is adjusted due to a prior adjustment command. For example, if adjustment commands are issued during transmit conversion periods A, B, and C, the first two commands can cause receive conversion periods A and B to be adjusted, while the third receive adjustment command is ignored. The third adjustment command is ignored since it was issued during receive conversion period B, which already is adjusted via the transmit conversion period B adjustment command. Transmit Conversion Period A Receive Conversion Period A FSX FSR Transmit Conversion Period B Transmit Conversion Period C t1 t2 Receive Conversion Period B asynchronous operation — more than one set of primary and secondary DX serial communication occurring between two receive frame sync (see AIC DX data word format section) The TA, TA’, TB, and control register information that is transmitted in the secondary communications is always accepted and is applied during the ongoing transmit conversion period. If there is sufficient time between t1 and t2, the TA, RA’, and RB register information, which is sent during transmit conversion period A, is applied to receive conversion period A. Otherwise, this information is applied during receive conversion period B. If RA, RA’, and RB register information has already been received and is being applied during an ongoing conversion period, any subsequent RA, RA’, or RB information that is received during this receive conversion period is disregarded (see diagram below). FSX FSR Transmit Conversion Period A Transmit Conversion Period B Transmit Conversion Period C t1 t2 Primary Secondary Primary Secondary Primary Secondary Receive Conversion Period A Receive Conversion Period B |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |