Electronic Components Datasheet Search
  English  ▼

X  

TLC32040C Datasheet(PDF) 10 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 6Page - Texas Instruments TLC32040C Datasheet HTML 7Page - Texas Instruments TLC32040C Datasheet HTML 8Page - Texas Instruments TLC32040C Datasheet HTML 9Page - Texas Instruments TLC32040C Datasheet HTML 10Page - Texas Instruments TLC32040C Datasheet HTML 11Page - Texas Instruments TLC32040C Datasheet HTML 12Page - Texas Instruments TLC32040C Datasheet HTML 13Page - Texas Instruments TLC32040C Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
XTAL
OSC
TMS320
DSP
Divide
by 135
Commercial
External
Front-End
Full-Duplex
Split-Band
Filters†
TA Register
(5 bits)
TA’ Register
(6 bits)
(2’s compl)
Adder/
Subtractor
(6 bits)
Divide by 2
TB Register
(6 bits)
[TA = 9 (1)]
[TA = 18 (2)]
(6 bits)
TX Counter A
[TB = 40; 7.2 kHz
[TB = 36; 8.0 kHz
[TB = 30; 9.6 kHz
[TB = 20; 14.4 kHz
[TB = 15; 19.2 kHz
TX Counter B
RA Register
(5 bits)
RA’ Register
(6 bits)
(2’s compl)
Adder/
Subtractor
(6 bits)
Divide by 2
RB Register
(6 bits)
[RA = 9 (1)]
[RA = 18 (2)]
(6 bits)
RX Counter A
[RB = 40; 7.2 kHz
[RB = 36; 8.0 kHz
[RB = 30; 9.6 kHz
[RB = 20; 14.4 kHz
[RB = 15; 19.2 kHz
RX Counter B
Divide by 4
d0, d1 = 0,0
d0, d1 = 1,1‡
d0, d1 = 0,1
d0, d1 = 1,0‡
d0, d1 = 0,0
d0, d1 = 1,1‡
d0, d1 = 0,1
d0, d1 = 1,0‡
576-kHz
Pulses
576-kHz
Pulses
Low-Pass/
Switched
Capacitor Filter
CLK= 288-kHz
Square Wave
D/A
Conversion
Frequency
A/D
Conversion
Frequency
Band-Pass
Switched
Capacitor Filter
CLK= 288-kHz
Square Wave
SHIFT CLK
1.296 MHz (1)
2.592 MHz (2)
MSTR CLK
5.184 MHz (1)
10.368 MHz (2)
20.736 MHz (1)
41.472 MHz (2)
Optional External Circuitry
for Full-Duplex Modems
153.6 -kHz
Clock (1)
SCF Clock Frequency
+
Master Clock Frequency
2
Contents of Counter A
† Split-band filtering can alternatively be performed after the analog input function via software in the TMS320.
‡ These control bits are described in the AIC DX data word format section.
NOTE A: Frequency 1 (20.736 MHz) is used to show how 153.6 kHz (for commercially available modem split-band filter clock), popular speech
and modem sampling signal frequencies, and an internal 288-kHz switched-capacitor filter clock can be derived synchronously and as
submultiples of the crystal oscillator frequency. Since these derived frequencies sre synchronous submultiples of the crystal frequency,
aliasing does not occur as the sampled analog signal passes between the analog converter and switched-capacitor filter stages.
Frequency 2 (41.472 MHz) is used to show that the AIC can work with high-frequency signals, which are used by high-speed digital
signal processors.
Figure 1. Internal Timing Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com