Electronic Components Datasheet Search
  English  ▼

X  

TLC32040C Datasheet(PDF) 20 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 16Page - Texas Instruments TLC32040C Datasheet HTML 17Page - Texas Instruments TLC32040C Datasheet HTML 18Page - Texas Instruments TLC32040C Datasheet HTML 19Page - Texas Instruments TLC32040C Datasheet HTML 20Page - Texas Instruments TLC32040C Datasheet HTML 21Page - Texas Instruments TLC32040C Datasheet HTML 22Page - Texas Instruments TLC32040C Datasheet HTML 23Page - Texas Instruments TLC32040C Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
20
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range, VCC+ = 5 V,
VCC– = –5 V, VDD = 5 V (unless otherwise noted)
total device, MSTR CLK frequency = 5.184 MHz, outputs not loaded
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = 4.75 V, IOH = – 300 µA
2.4
V
VOL
Low-level output voltage
VDD = 4.75 V, IOL = 2 mA
0.4
V
ICC
Supply current from VCC
TLC3204_C
35
mA
ICC +
Supply current from VCC +
TLC3204_I
40
mA
ICC
Supply current from VCC
TLC3204_C
–35
mA
ICC –
Supply current from VCC –
TLC3204_I
–40
mA
IDD
Supply current from VDD
fMSTR CLK = 5.184 MHz
7
mA
Vref
Internal reference output voltage
3
3.3
V
∝Vref Temperature coefficient of internal reference voltage
200
ppm/
°C
ro
Output resistance at REF
100
k
Ω
receive amplifier input
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
A/D converter offset error (filters bypassed)
25
65
mV
A/D converter offset error (filters in)
25
65
mV
CMRR
Common-mode rejection ratio at IN +, IN –, or AUX IN +,
AUX IN –
See Note 6
55
dB
rl
Input resistance at IN +, IN –, or AUX IN +,AUX IN –, REF
100
k
Ω
transmit filter output
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOO
Output offset voltage at OUT +, OUT –, (single-ended
relative to ANLG GND)
15
75
mV
VOM
Maximum peak output voltage swing across RL at OUT +
or OUT –, (single ended)
RL ≥ 300 Ω, Offset voltage = 0
±3
V
VOM
Maximum peak output voltage swing between RL at OUT +
and OUT –, (differential output)
RL ≥ 600 Ω
±6
V
system distortion specifications, SCF clock frequency = 288 kHz
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Attenuation of second harmonic of A/D
Single ended
VI = – 0.5 dB to – 24 dB referred to Vref,
70
dB
input signal
Differential
Iref,
See Note 7
62
70
dB
Attenuation of third and higher harmonics
Single ended
VI = – 0.5 dB to – 24 dB referred to Vref,
65
dB
g
of A/D input signal
Differential
Iref,
See Note 7
57
65
dB
Attenuation of second harmonic of D/A
Single ended
VI = – 0 dB to – 24 dB referred to Vref,
70
dB
input signal
Differential
Iref,
See Note 7
62
70
dB
Attenuation of third and higher harmonics
Single ended
VI = – 0 dB to – 24 dB referred to Vref,
65
dB
g
of D/A input signal
Differential
Iref
See Note 7
57
65
dB
† All typical values are at TA = 25°C.
NOTES:
6. The test condition is a 0-dBm, 1-kHz input signal with an 8-kHz conversion rate.
7. The test condition VI is a 1-kHz input signal with an 8-kHz conversion rate (0 dB relative to Vref). The load impedance for the DAC
is 600
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com