Electronic Components Datasheet Search
  English  ▼

X  

TLC32040C Datasheet(PDF) 19 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 15Page - Texas Instruments TLC32040C Datasheet HTML 16Page - Texas Instruments TLC32040C Datasheet HTML 17Page - Texas Instruments TLC32040C Datasheet HTML 18Page - Texas Instruments TLC32040C Datasheet HTML 19Page - Texas Instruments TLC32040C Datasheet HTML 20Page - Texas Instruments TLC32040C Datasheet HTML 21Page - Texas Instruments TLC32040C Datasheet HTML 22Page - Texas Instruments TLC32040C Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage range, VCC+ (see Note 1)
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VDD
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital ground voltage range
– 0.3 V to 15 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC32040C, TLC32041C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . .
TLC32040I, TLC32041
– 40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–40
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: N package
260
°C
. . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTE 1: Voltage values for maximum ratings are with respect to VCC –..
recommended operating conditions
MIN
NOM
MAX
UNIT
Supply voltage, VCC + (see Note 2)
4.75
5
5.25
V
Supply voltage, VCC – (see Note 2)
– 4.75
–5
– 5.25
V
Digital supply voltage, VDD (see Note 2)
4.75
5
5.25
V
Digital ground voltage with respect to ANLG GND, DGTL GND
0
V
Reference input voltage, Vref(ext) (see Note 2)
2
4
V
High-level input voltage, VIH
2
VDD + 0.3
V
Low-level input voltage, VIL (see Note 3)
– 0.3
0.8
V
Load resistance at OUT + and /or OUT –, RL
300
Ω
Load capacitance at OUT + and /or OUT –, CL
100
pF
MSTR CLK frequency (see Note 4)
0.075
5
10.368
MHz
Analog input amplifier common mode input voltage (see Note 5)
±1.5
V
A/D or D/A conversion rate
20
kHz
Operating free air temperature TA
TLC32040C, TLC32041C
0
70
°C
Operating free-air temperature, TA
TLC32040I, TLC32041I
–40
85
°C
NOTES:
2. Voltages at analog inputs and outputs, REF, VCC +, and VCC –, are with respect to ANLG GND. Voltages at digital inputs and outputs
and VDD are with respect to DGTL GND.
3. The algebraic convention, in which the least positive (most negative) value is designated minimum, is used in this data sheet for
logic voltage levels and temperature only.
4. The bandpass low-pass switched-capacitor filter response specifications apply only when the switched-capacitor clock frequency
is 288 kHz. For switched-capacitor filter clocks at frequencies other than 288 kHz, the filter response is shifted by the ratio of
switched-capacitor filter clock frequency to 288 kHz.
5. This range applies when (IN + – IN –) or (AUX IN + – AUX IN –) equals
± 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com