Electronic Components Datasheet Search
  English  ▼

X  

TLC32040C Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC32040C
Description  ANALOG INTERFACE CIRCUITS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC32040C Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC32040C Datasheet HTML 19Page - Texas Instruments TLC32040C Datasheet HTML 20Page - Texas Instruments TLC32040C Datasheet HTML 21Page - Texas Instruments TLC32040C Datasheet HTML 22Page - Texas Instruments TLC32040C Datasheet HTML 23Page - Texas Instruments TLC32040C Datasheet HTML 24Page - Texas Instruments TLC32040C Datasheet HTML 25Page - Texas Instruments TLC32040C Datasheet HTML 26Page - Texas Instruments TLC32040C Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
TLC32040C, TLC32040I, TLC32041C, TLC32041I
ANALOG INTERFACE CIRCUITS
SLAS014E – SEPTEMBER 1987 – REVISED MAY 1995
23
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements
serial port recommended input signals
MIN
MAX
UNIT
tc(MCLK)
Master clock cycle time
95
ns
tr(MCLK)
Master clock rise time
10
ns
tf(MCLK)
Master clock fall time
10
ns
Master clock duty cycle
42%
58%
RESET pulse duration (see Note 12)
800
ns
tsu(DX)
DX setup time before SCLK
↓
20
ns
th(DX)
DX hold time after SCLK
↓
tc(SCLK)/4
ns
serial port – AIC output signals, CL = 30 pF for SHIFT CLK output, CL = 15 pF for all other outputs
MIN
TYP†
MAX
UNIT
tc(SCLK)
Shift clock (SCLK) cycle time
380
ns
tf(SCLK)
Shift clock (SCLK) fall time
3
8
ns
tr(SCLK)
Shift clock (SCLK) rise time
3
8
ns
Shift clock (SCLK) duty cycle
45
55
%
td(CH-FL)
Delay from SCLK
↑ to FSR/FSX/FSD↓
30
ns
td(CH-FH)
Delay from SCLK
↑ to FSR/FSX/FSD↑
35
90
ns
td(CH-DR)
DR valid after SCLK
↑
90
ns
td(CH-EL)
Delay from SCLK
↑ to EODX/EODR↓ in word mode
90
ns
td(CH-EH)
Delay from SCLK
↑ to EODX/EODR↑ in word mode
90
ns
tf(EODX)
EODX fall time
2
8
ns
tf(EODR)
EODR fall time
2
8
ns
td(CH-EL)
Delay from SCLK
↑ to EODX/EODR↓ in byte mode
90
ns
td(CH-EH)
Delay from SCLK
↑ to EODX/EODR↑ in byte mode
90
ns
td(MH-SL)
Delay from MSTR CLK
↑ to SCLK↓
65
170
ns
td(MH-SH)
Delay from MSTR CLK
↑ to SCLK↑
65
170
ns
† Typical values are at TA = 25°C.
NOTE 12: RESET pulse duration is the amount of time that the reset terminal is held below 0.8 V after the power supplies have reached their
recommended values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com